Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2S025S-1VFG144YES Datasheet(PDF) 1 Page - Microsemi Corporation

Part # M2S025S-1VFG144YES
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S025S-1VFG144YES Datasheet(HTML) 1 Page - Microsemi Corporation

  M2S025S-1VFG144YES Datasheet HTML 1Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 2Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 3Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 4Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 5Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 6Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 7Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 8Page - Microsemi Corporation M2S025S-1VFG144YES Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
October 2012
I
© 2012 Microsemi Corporation
SmartFusion2 System-on-Chip FPGAs
Microsemi’s SmartFusion®2 SoC FPGAs integrate fourth generation flash-based FPGA fabric, an ARM® Cortex™-M3 processor,
and high performance communications interfaces on a single chip. The SmartFusion2 family is the industry’s lowest power, most
reliable and highest security programmable logic solution. This next generation SmartFusion2 architecture offers up to 3.6X gate
count implemented with 4-input look-up table (LUT) fabric with carry chains, giving 2X performance, and includes multiple embedded
memory options and math blocks for digital signal processing (DSP). The 166 MHz ARM Cortex-M3 processor is enhanced with an
embedded trace macrocell (ETM), memory protection unit (MPU), 8 Kbyte instruction cache, and additional peripherals including
controller area network (CAN), Gigabit Ethernet, and high speed universal serial bus (USB). High speed serial interfaces include
peripheral component interconnect express (PCIe), 10 Gbps attachment unit interface (XAUI) / XGMII extended sublayer (XGXS) +
native serialization/deserialization (SERDES) communication, while double data rate 2 (DDR2)/DDR3 memory controllers provide
high speed memory interfaces.
SmartFusion2 Family
Reliability
Single Event Upset (SEU) Immune
– Zero FIT FPGA Configuration Cells
Single Error Correct Double Error Detect (SECDED)
Protection on the Following:
– Ethernet Buffers
– CAN Message Buffers
– Cortex-M3
Embedded
Scratch
Pad
Memory
(eSRAMs)
– USB Buffers
–PCIe Buffer
– DDR Memory Controllers with Optional SECDED
Modes
Buffers Implemented with SEU Resistant Latches on the
Following:
– DDR Bridges (MSS, MDDR, FDDR)
– Instruction Cache
– MMUART FIFOs
– SPI FIFOs
NVM Integrity Check at Power-Up and On-Demand
No External Configuration Memory Required—Instant-
On, Retains Configuration When Powered Off
Security
Design Security Features (available on all devices)
– Intellectual Property (IP) Protection via Unique
Security Features and Use Models New to the PLD
Industry
– Encrypted User Key and Bitstream Loading,
Enabling Programming in Less-Trusted Locations
– Supply-Chain Assurance Device Certificate
– Enhanced Anti-Tamper Features
– Zeroization
Data Security Features (available on premium devices)
– Non-Deterministic Random Bit Generator (NRBG)
– User Cryptographic Services (AES-256, SHA-256,
Elliptical Curve Cryptographic (ECC) Engine)
– User Physically Unclonable Function (PUF) Key
Enrollment and Regeneration
– CRI Pass-Through DPA Patent Portfolio License
– Hardware
Firewalls
Protecting
Microcontroller
Subsystem (MSS) Memories
Low Power
Low Static and Dynamic Power
– Flash*Freeze Mode for Fabric
For the M2S050 Device:
– < 1 mW in Flash*Freeze Mode
– 10 mW in Standby Mode
Based on 65 nm Nonvolatile Flash Process
High-Performance FPGA
Efficient 4-Input LUTs with Carry Chains for High
Performance and Low Power
Up to 236 Blocks of Dual-Port 18 Kbit SRAM (Large
SRAM) with 400 MHz Synchronous Performance (x18,
x9, x4, x2, x1)
Up to 240 Blocks of Three-Port 1 Kbit SRAM with 2
Read Ports and 1 Write Port (micro SRAM)
High Performance DSP Signal Processing
– Up to 240 Fast Math Blocks with 18 x 18 Signed
Multiplication, 17 x 17 Unsigned Multiplication and
44-Bit Accumulator
Revision 0


Similar Part No. - M2S025S-1VFG144YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S025 MICROSEMI-M2S025 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S025S-1VFG144YES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com