Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1800HC-34H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM1800HC-34H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM1800HC-34H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM1800HC-34H_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM1800HC-34H_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM1800HC-34H_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM1800HC-34H_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM1800HC-34H_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM1800HC-34H_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jul. 2005
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
Junction to Case, IGBT part
Junction to Case, FWDi part
Case to Fin,
λgrease = 1W/m·K
K/kW
K/kW
K/kW
Thermal resistance
Contact thermal resistance
Min
Typ
Max
8.0
13.0
7.0
THERMAL CHARACTERISTICS
Symbol
Item
Conditions
Limits
Unit
M
CTI
da
ds
LC-E(int)
M8 : Main terminals screw
M6 : Mounting screw
M4 : Auxiliary terminals screw
IGBT part
N·m
kg
mm
mm
nH
Mounting torque
Mass
Comparative tracking index
Clearance distance in air
Creepage distance along surface
Internal inductance
Min
Typ
Max
13.0
6.0
2.0
1.5
10
7.0
3.0
1.0
600
19.5
32.0
MECHANICAL CHARACTERISTICS
Symbol
Item
Conditions
Limits
Unit
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
MITSUBISHI HVIGBT MODULES
CM1800HC-34H
HIGH POWER SWITCHING USE
INSULATED TYPE
3rd-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules


Similar Part No. - CM1800HC-34H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1800HC-34H MITSUBISHI-CM1800HC-34H_05 Datasheet
67Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM1800HC-34H_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com