Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54522WP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54522WP
Description  8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54522WP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54522WP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54522WP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54522WP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54522WP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54522WP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUBISHI SEMICONDUCTORS <TRANSISTOR ARRAY>
M54522WP
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Jul-2011
4
Input Characteristics
Input voltage
VI(V)
0
0.5
1.0
1.5
2.0
0
100
200
300
400
0
510
20
25
0
0.5
1.5
2.0
Ta=25℃
Ta=75℃
15
1.0
Ta=25℃
Ta=-20℃
Ta=75℃
Ta=-20℃
Clamping Diode Characteristics
Forward bias voltage VF (V)


Similar Part No. - M54522WP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54522FP MITSUBISHI-M54522FP Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522FP MITSUBISHI-M54522FP Datasheet
250Kb / 6P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SINK TYPE
M54522FP MITSUBISHI-M54522FP Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P_11 Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54522WP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P_11 Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522FP MITSUBISHI-M54522FP Datasheet
250Kb / 6P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SINK TYPE
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P Datasheet
102Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54583 MITSUBISHI-M54583 Datasheet
175Kb / 3P
   8 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54583P MITSUBISHI-M54583P Datasheet
86Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com