Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54562P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54562P
Description  8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54562P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54562P_12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54562P_12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54562P_12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54562P_12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
PIN CONFIGURATION
DESCRIPTION
M54562P and M54562FP are eight-circuit output-sourcing
Darlington transistor arrays. The circuits are made of PNP
and NPN transistors. Both the semiconductor integrated cir-
cuits perform high-current driving with extremely low input-
current supply.
FEATURES
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Io(max) = –500mA)
With output clamping diodes
Driving available with PMOS IC output of 6 ~ 16V or with TTL output
Wide operating temperature range (Ta = –20 to +75
°C)
Output current-sourcing type
APPLICATION
Drives of relays, printers, LEDs, fluorescent display tubes
and lamps, and interfaces between MOS-bipolar logic sys-
tems and relays, solenoids, or small motors
FUNCTION
The M54562P and M54562FP each have eight circuits,
which are made of input inverters and current-sourcing out-
puts. The outputs are made of PNP transistors and NPN
Darlington transistors. The PNP transistor base current is
constant. A spike-killer clamping diode is provided between
each output and GND. VS and GND are used commonly
among the eight circuits.
The inputs have resistance of 8.5k
Ω, and voltage of up to
30V is applicable. Output current is 500mA maximum. Sup-
ply voltage VS is 50V maximum.
The M54562FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
1.5K
7.2K
3K
8.5K
20K
VS
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The eight circuits share the VS and GND.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54562P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
1
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
→O8
IN8
VS
GND
VS
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
1
NC
IN1
O1
O2
O3
O4
O5
O6
O7
O8
IN2
IN3
IN4
IN5
IN6
IN7
IN8
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
10
11
NC
NC : No connection
Package type 18P4G(P)
INPUT
OUTPUT
INPUT
OUTPUT
Package type 20P2N-A(FP)


Similar Part No. - M54562P_12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54562P_12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562FP MITSUBISHI-M54562FP Datasheet
274Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840KP MITSUBISHI-M63840KP Datasheet
276Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54563P MITSUBISHI-M54563P Datasheet
95Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563FP MITSUBISHI-M54563FP Datasheet
275Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840P MITSUBISHI-M63840P Datasheet
1Mb / 7P
   8-Unit 500mA Source Type Darlington Transistor-Array With Clamp Diode
M54562WP MITSUBISHI-M54562WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563P MITSUBISHI-M54563P_12 Datasheet
103Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563WP MITSUBISHI-M54563WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com