Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1063TN Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1063TN
Description  High Power 2 쨈 4 Antenna Switch MMIC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1063TN Datasheet(HTML) 3 Page - Sony Corporation

  CXG1063TN Datasheet HTML 1Page - Sony Corporation CXG1063TN Datasheet HTML 2Page - Sony Corporation CXG1063TN Datasheet HTML 3Page - Sony Corporation CXG1063TN Datasheet HTML 4Page - Sony Corporation CXG1063TN Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
– 3 –
CXG1063TN
Electrical Characteristics
(Ta = 25°C)
1 Vctl (L) = 0V, Vctl (H) = 4V, V
DD
= 4V
2 Vctl (L) = –2.5V, Vctl (H) = 3V, V
DD
= 3V
3 Vctl (L) = 0V, Vctl (H) = 3V, V
DD
= 3V
4 Input signal: ACP (±50kHz) < –65dBc, ACP (±100kHz) < –75dBc,
2nd harmonics < –65dBc, 3rd harmonics < –65dBc
Item
RF3-RF2
RF3-RF4
RF5-RF2
RF5-RF4
RF5-RF1
RF5-RF6
RF3-RF2
RF3-RF4
RF5-RF2
RF5-RF4
RF5-RF1
RF5-RF6
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
889MHz to
960MHz
810MHz to
885MHz
889MHz to
960MHz
810MHz to
885MHz
810MHz to
960MHz
889MHz to
960MHz
889MHz to
960MHz
889MHz to
960MHz
Pin = 30dBm
1, ∗2
Pin = 10dBm
3
Pin = 10dBm
3
Pin = 30dBm
1, ∗2
Pin = 10dBm
3
Pin = 10dBm
3
Pin = 30dBm
1, ∗2, ∗4
Pin = 30dBm
1, ∗2, ∗4
Pin = 30dBm
1, ∗2, ∗4
1
2
3
1
2
3
Insertion loss
Isolation
VSWR
ACP (±50kHz)
ACP (±100kHz)
2nd, 3rd harmonics
Control current Ictl (H)
Bias current IDD
Switching speed
Frequency
Condition
Min.
Typ.
Max.
Unit
18
18
21
0.40
0.55
0.50
21
21
25
–65
–70
–65
20
15
15
40
25
25
200
0.65
0.80
0.75
1.3
–60
–65
–60
60
50
50
90
70
70
dB
dB
dB
dB
dB
dB
dBc
dBc
dBc
µA
µA
µA
µA
µA
µA
ns


Similar Part No. - CXG1063TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
   Low Noise Down Conversion Mixer for PHS
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
More results

Similar Description - CXG1063TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
   High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
logo
Texas Instruments
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
New Japan Radio
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
   2x2 Antenna SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com