Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1068N Datasheet(PDF) 3 Page - Sony Corporation

Part # CXG1068N
Description  SP4T Antenna Switch for GSM Dual band
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1068N Datasheet(HTML) 3 Page - Sony Corporation

  CXG1068N Datasheet HTML 1Page - Sony Corporation CXG1068N Datasheet HTML 2Page - Sony Corporation CXG1068N Datasheet HTML 3Page - Sony Corporation CXG1068N Datasheet HTML 4Page - Sony Corporation CXG1068N Datasheet HTML 5Page - Sony Corporation CXG1068N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
—3—
CXG1068N
Electrical Characteristics 2
(Ta=–35 to +85 °C)
Insertion loss
Isolation
VSWR
Harmonics
1dB compression
Input power
Switching speed TSW
Control current
Bias current
Symbol
IL
ISO
VSWR
2fo
3fo
P1dB
TSW
Ictl
IDD
Port
Ant-Tx1, Tx2
Ant-Rx1, Rx2
Ant-Tx1, Tx2
Ant-Rx1, Rx2
Ant-Tx1, Tx2
Ant-Tx1, Tx2
Condition
∗1
∗2
∗3
∗4
∗1, ∗3
∗2, ∗4
∗1, ∗3
∗2, ∗4
∗1
∗2
∗1
∗2
Min.
Typ.
Max.
Unit
0.5
0.9
dB
0.65
1.05
dB
0.6
1.0
dB
0.85
1.25
dB
20
24
dB
17
20
dB
25
30
dB
20
25
dB
1.2
1.4
–30
dBm
–30
dBm
35
38
dBm
34
37
dBm
100
500
ns
150
350
µA
60
150
µA
∗1 : Pin=34.5 dBm, 880 to 915 MHz, VDD=5 V, 0/5 V Control
∗2 : Pin=32 dBm, 1710 to 1785 MHz, VDD=5 V, 0/5 V Control
∗3 : Pin=10 dBm, 925 to 960 MHz, VDD=3 V, 0/3 V Control
∗4 : Pin=10 dBm, 1805 to 1880 MHz, VDD=3 V, 0/3 V Control


Similar Part No. - CXG1068N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
   Low Noise Down Conversion Mixer for PHS
CXG1063TN SONY-CXG1063TN Datasheet
67Kb / 5P
   High Power 2 쨈 4 Antenna Switch MMIC
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
More results

Similar Description - CXG1068N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
   SP4T Antenna Switch for GSM Dual band
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
   SP4TSP4T Antenna Switch for GSM/UMTS
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
   SP4T GaAs Multi-Band GSM Antenna Switch
logo
Sony Corporation
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
logo
TriQuint Semiconductor
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
   SP4T High Power 2.5V GSM Antenna Switch
logo
World Produts Inc.
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
   Dual-band GSM Embedded Antenna
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com