Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9622 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9622 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9622_12 Datasheet HTML 2Page - NXP Semiconductors PCA9622_12 Datasheet HTML 3Page - NXP Semiconductors PCA9622_12 Datasheet HTML 4Page - NXP Semiconductors PCA9622_12 Datasheet HTML 5Page - NXP Semiconductors PCA9622_12 Datasheet HTML 6Page - NXP Semiconductors PCA9622_12 Datasheet HTML 7Page - NXP Semiconductors PCA9622_12 Datasheet HTML 8Page - NXP Semiconductors PCA9622_12 Datasheet HTML 9Page - NXP Semiconductors PCA9622_12 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 6 September 2012
6 of 39
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
‘reserved for future use’ I2C-bus addresses (0000 011, 1111 1XX)
slave devices that use the 10-bit addressing scheme (1111 0XX)
slave devices that are designed to respond to the General Call address (0000 000)
High-speed mode (Hs-mode) master code (0000 1XX)
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
7.1.2 LED All Call I2C-bus address
Default power-up value (ALLCALLADR register): E0h or 1110 000
Programmable through I2C-bus (volatile programming)
At power-up, LED All Call I2C-bus address is enabled. PCA9622 sends an ACK when
E0h (R/W = 0) or E1h (R/W = 1) is sent by the master.
See Section 7.3.8 “ALLCALLADR, LED All Call I2C-bus address” for more detail.
Remark: The default LED All Call I2C-bus address (E0h or 1110 000) must not be used as
a regular I2C-bus slave address since this address is enabled at power-up. All the
PCA9622s on the I2C-bus will acknowledge the address if sent by the I2C-bus master.
7.1.3 LED Sub Call I2C-bus addresses
3 different I2C-bus addresses can be used
Default power-up values:
– SUBADR1 register: E2h or 1110 001
– SUBADR2 register: E4h or 1110 010
– SUBADR3 register: E8h or 1110 100
Programmable through I2C-bus (volatile programming)
At power-up, Sub Call I2C-bus addresses are disabled. PCA9622 does not send an
ACK when E2h (R/W =0) or E3h (R/W = 1), E4h (R/W = 0) or E5h (R/W =1), or
E8h (R/W = 0) or E9h (R/W = 1) is sent by the master.
See Section 7.3.7 “SUBADR1 to SUBADR3, I2C-bus subaddress 1 to 3” for more detail.
Remark: The default LED Sub Call I2C-bus addresses may be used as regular I2C-bus
slave addresses as long as they are disabled.
Fig 3.
Slave address
R/W
002aab319
A6
A5
A4
A3
A2
A1
A0
hardware selectable
slave address


Similar Part No. - PCA9622_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622BS NXP-PCA9622BS Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622DR NXP-PCA9622DR Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
More results

Similar Description - PCA9622_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9624 NXP-PCA9624 Datasheet
212Kb / 37P
   8-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-26 August 2009
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
   16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com