Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3826S2 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3826S2
Description  30MHz TO 2500MHz, 9W GaN WIDEBAND
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3826S2 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3826S2 Datasheet HTML 2Page - RF Micro Devices RF3826S2 Datasheet HTML 3Page - RF Micro Devices RF3826S2 Datasheet HTML 4Page - RF Micro Devices RF3826S2 Datasheet HTML 5Page - RF Micro Devices RF3826S2 Datasheet HTML 6Page - RF Micro Devices RF3826S2 Datasheet HTML 7Page - RF Micro Devices RF3826S2 Datasheet HTML 8Page - RF Micro Devices RF3826S2 Datasheet HTML 9Page - RF Micro Devices RF3826S2 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 of 15
RF3826
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture Matched for 30MHz to
2500MHz (T = 25°C, unless noted)
60
50
40
30
20
10
0
0.1
1
10
100
P
OUT, Output Power (W PEP)
IMD versus Output Power
(V
D =28V, IDQ = 85mA, f1 = 1199.5MHz, f2 = 1200.5MHz)
IMD3
IMD3
IMD5
IMD5
IMD7
IMD7
70
60
50
40
30
20
10
0
0.1
1
10
100
Tone Spacing (MHz)
IMD versus ToneSpacing
(P
OUT = 9W PEP, VD = 28V, IDQ = 85mA)
IMD3
IMD3
IMD5
IMD5
IMD7
IMD7
f1 = 1200MHzToneSpacing/2
f2 = 1200MHz+ToneSpacing/2
6
7
8
9
10
11
12
13
14
15
16
15
20
25
30
35
40
P
OUT, Output Power (dBm)
Gain versus Output Power
(2Tone 1MHz Separation, V
D = 28V, IDQ varied, fc =1200MHz)
25mA
55mA
85mA
115mA
145mA
50
45
40
35
30
25
20
15
10
0.1
1
10
100
P
OUT, Output Power (W PEP)
IMD3 versus Output Power
(2 Tone 1MHz Separation, V
D =28V, IDQ varied, fc = 1200MHz)
25mA
55mA
85mA
115mA
145mA


Similar Part No. - RF3826S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF3827PCBA RFMD-RF3827PCBA Datasheet
199Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3826S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1006 RFMD-RFHA1006 Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
   Wideband Amplifiers 10 to 2500MHz
logo
Zetex Semiconductors
ZAMP002 ZETEX-ZAMP002 Datasheet
127Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
   0.5 to 2500MHz
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com