Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5228-D Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # EN5228-D
Description  Unipolar Constant-current Chopper (external excitation PWM) Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN5228-D Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button EN5228-D Datasheet HTML 6Page - Sanyo Semicon Device EN5228-D Datasheet HTML 7Page - Sanyo Semicon Device EN5228-D Datasheet HTML 8Page - Sanyo Semicon Device EN5228-D Datasheet HTML 9Page - Sanyo Semicon Device EN5228-D Datasheet HTML 10Page - Sanyo Semicon Device EN5228-D Datasheet HTML 11Page - Sanyo Semicon Device EN5228-D Datasheet HTML 12Page - Sanyo Semicon Device EN5228-D Datasheet HTML 13Page - Sanyo Semicon Device EN5228-D Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
STK672-050-E
No.5228-10/19
• M1, M2, and M3 (Excitation mode and CLK input edge timing selection)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
M2
0
0
1
1
M1
M3
0
1
0
1
Phase switching clock edge timing
1
2 phase excitation
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
Rising edge only
0
1-2 phase excitation
W1-2 phase excitation
2W1-2 phase excitation
4W1-2 phase excitation
Rising and falling edges
3) Valid mode setting timing: Applications must not change the mode in the period 5
μs before or after a CLK signal
rising or falling edge.
Mode Setting Acquisition Timing
• M4 and M5 (Microstepping mode rotation vector locus setting)
M4
1
0
1
0
M5
1
0
0
1
Mode
Circular
1
2
3
See page 10 for details on the current division ratio.
• RESET (Resets all parts of the system.)
1) Pin circuit type: Built-in pull-up resistor (20k
Ω, typical) CMOS Schmitt trigger structure
2) Function:
- All circuit states are set to their initial values by setting the RESET pin low. (Note that the pulse width must be
at least 10
μs.)
At this time, the A and B phases are set to their origin, regardless of the excitation mode. The output current
goes to about 71% after the reset is released.
3) Notes: When power is first applied to this hybrid IC, Vref must be established by applying a reset. Applications
must apply a power on reset when the VCC2 power supply is first applied.
• Vref (Sets the current level used as the reference for constant-current detection.)
1) Pin circuit type: Analog input structure
2) Function:
- Constant-current control can be applied to the motor excitation current at 100% of the rated current by applying a
voltage less than the control system power supply voltage VCC2 minus 2.5V.
- Applications can apply constant-current control proportional to the Vref voltage, with this value of 2.5V as the
upper limit.
Mode switching timing
Excitation counter up/down
CLK input
System clock
Mode setting
M1 to M3
Mode switching clock
Hybrid IC internal setting state
Phase excitation clock
A06851
1
Phase B
Circular
Phase A
2
3
ITF02399


Similar Part No. - EN5228-D

ManufacturerPart #DatasheetDescription
logo
Energizer
EN529 ENERGIZER-EN529 Datasheet
95Kb / 2P
   6V NOT INTENDED FOR RETAIL TRADE
More results

Similar Description - EN5228-D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
logo
ON Semiconductor
STK672-340-E ONSEMI-STK672-340-E Datasheet
100Kb / 13P
   Unipolar Fixed-Current Chopper
June, 2013
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T_07 Datasheet
137Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com