Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1006SQ Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFHA1006SQ
Description  225MHz TO 1215MHz, 9W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1006SQ Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFHA1006SQ Datasheet HTML 3Page - RF Micro Devices RFHA1006SQ Datasheet HTML 4Page - RF Micro Devices RFHA1006SQ Datasheet HTML 5Page - RF Micro Devices RFHA1006SQ Datasheet HTML 6Page - RF Micro Devices RFHA1006SQ Datasheet HTML 7Page - RF Micro Devices RFHA1006SQ Datasheet HTML 8Page - RF Micro Devices RFHA1006SQ Datasheet HTML 9Page - RF Micro Devices RFHA1006SQ Datasheet HTML 10Page - RF Micro Devices RFHA1006SQ Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RFHA1006
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Device Handling/Environmental Conditions
RFMD does not recommend operating this device with typical drain voltage applied and the gate pinched off in a high humidity,
high temperature environment.
GaN HEMT devices are ESD sensitive materials. Please use proper ESD precautions when handling devices or evaluation
boards.
DC Bias
The GaN HEMT device is a depletion mode high electron mobility transistor (HEMT). At zero volts VGS the drain of the device is
saturated and uncontrolled drain current will destroy the transistor. The gate voltage must be taken to a potential lower than
the source voltage to pinch off the device prior to applying the drain voltage, taking care not to exceed the gate voltage maxi-
mum limits. RFMD recommends applying VGS = -5V before applying any VDS.
RF Power transistor performance capabilities are determined by the applied quiescent drain current. This drain current can be
adjusted to trade off power, linearity, and efficiency characteristics of the device. The recommended quiescent drain current
(IDQ) shown in the RF typical performance table is chosen to best represent the operational characteristics for this device, con-
sidering manufacturing variations and expected performance.
The user may choose alternate conditions for biasing this
device based on performance tradeoffs.
Mounting and Thermal Considerations
The thermal resistance provided as RTH (junction to case) represents only the packaged device thermal characteristics. This is
measured using IR microscopy capturing the device under test temperature at the hottest spot of the die. At the same time,
the package temperature is measured using a thermocouple touching the backside of the die embedded in the device heat
sink but sized to prevent the measurement system from impacting the results. Knowing the dissipated power at the time of
the measurement, the thermal resistance is calculated.
In order to achieve the advertised MTTF, proper heat removal must be considered to maintain the junction at or below the max-
imum of 200°C. Proper thermal design includes consideration of ambient temperature and the thermal resistance from ambi-
ent to the back of the package including heat sinking systems and air flow mechanisms. Incorporating the dissipated DC
power, it is possible to calculate the junction temperature of the device.


Similar Part No. - RFHA1006SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000PCBA-410 RFMD-RFHA1000PCBA-410 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000S2 RFMD-RFHA1000S2 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000SB RFMD-RFHA1000SB Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000SQ RFMD-RFHA1000SQ Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
More results

Similar Description - RFHA1006SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
   30MHz TO 2500MHz, 9W GaN WIDEBAND
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MATR-GSHC03-160150 MA-COM-MATR-GSHC03-160150 Datasheet
1Mb / 11P
   GaN Wideband Transistor Die
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com