Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK681-332-E-D Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # STK681-332-E-D
Description  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-332-E-D Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button STK681-332-E-D Datasheet HTML 6Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 7Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 8Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 9Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 10Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 11Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 12Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 13Page - Sanyo Semicon Device STK681-332-E-D Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STK681-332-E
No. A1591-10/14
[Reduced voltage detection]
(1) VDD
The internal control IC of the driver has a function that detects reduced voltage when VDD is supplied. This reduced
voltage threshold level is set to 4V (typ.), and the MOSFET gate voltage specification is 5V ±5%. So, a current flow
through the output when VDD is rising results in the power stress to the MOSFET due to insufficient gate voltage.
To prevent this power stress, set ENABLE = Low when VDD < 4.75V, which is outside the normal operating
supply voltage range of the MOSFET.
VDD, ENABLE Signals Input Timing
(2) VCC
The internal control IC of the driver has a function that detects reduced voltage when VCC is supplied, to prevent
insufficient internal P-channel MOSFET gate voltage. The reduced voltage detection level is set to VCC = 8.8V
(typ.).
4Vtyp
3.8Vtyp
Control IC power (VDD) rising edge
Control IC power on reset
ENABLE signal input
8.8V
VCC
MOSFET
off
MOSFET
off


Similar Part No. - STK681-332-E-D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E Datasheet
107Kb / 14P
   Thick-Film Hybrid IC Forward/Reverse Motor Driver
STK681-332-E SANYO-STK681-332-E Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-332-E ONSEMI-STK681-332-E Datasheet
162Kb / 14P
   Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK681-332-E SANYO-STK681-332-E_11 Datasheet
181Kb / 14P
   Forward/Reverse Motor Driver
More results

Similar Description - STK681-332-E-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com