Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFS38E3336-01 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFS38E3336-01
Description  3.3 - 3.6GHz HBT MMIC MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS38E3336-01 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFS38E3336-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGFS38E3336-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Mitsubishi Semiconductors
MGFS38E3336-01
Specifications are subject to change without notice.
3.3 - 3.6GHz HBT MMIC MODULE
MITSUBISHI ELECTRIC CORPORATION
Rev. 1.1
(2/24)
Sep. -2010
ABSOLUTE MAXIMUM RATINGS
Value
Symbol
Parameter
Conditions
Min.
Max.
Unit
Vc1,Vc2,Vc3,
Vc4,Vcb
Collector Supply Voltage
-
-
8
V
Vref
Reference Voltage
-
-
3
V
Vcont
ATT Control Voltage
-
-
3.5
V
Ic1+Icb
100
mA
Ic2
100
mA
Ic3
300
mA
Ic4
Operation Current
-
1000
mA
Pin
Input Power
-
-
3
dBm
Tc(op)
Operation Temperature
Pout
28.5dBm
-40
+85
C
Tstg
Storage Temperature
-
-40
+125
C
-
Duty Cycle
-
-
50
%
*NOTE : Ta=25
C unless otherwise noted, Zin=Zout=50
Each maximum rating is guaranteed independently.
Please take care that MGFS38E3336 is operated under these conditions at the worst
case on your terminal.
ELECTRICAL CHARACTERISTICS
Value
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
f
Frequency
3300
3600
MHz
Gp
Gain
36.0
dB
EVM
EVM
2.5
%
Vdet
Power Detector Voltage
1.8
V
ATT
Control Gain Step
23
dB
Ict
Operating Current
Vc1=Vc2=Vc3=Vc4=5V,
Vref=2.85V, Vcont=0V
Pout=28.5dBm
64QAM OFDM Modulation
Duty Cycle <= 50%
950
mA
*NOTE :
Ta=25
C unless otherwise noted, Zin=Zout=50
**
ATT=Gain(@Vcont=0V)-Gain(@Vcont=3.3V)
MOISTURE SENSITIVITY LEVEL
:
LEVEL3


Similar Part No. - MGFS38E3336-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS38E2325-01 MITSUBISHI-MGFS38E2325-01 Datasheet
466Kb / 21P
   2.3 - 2.5GHz HBT MMIC MODULE
MGFS38E2527-01 MITSUBISHI-MGFS38E2527-01 Datasheet
456Kb / 21P
   2.5 - 2.7GHz HBT MMIC MODULE
More results

Similar Description - MGFS38E3336-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFS39E3336-01 MITSUBISHI-MGFS39E3336-01 Datasheet
537Kb / 14P
   3.3-3.6GHz HBT Integrated Circuit
MGFS36E3436A MITSUBISHI-MGFS36E3436A Datasheet
131Kb / 8P
   3.4-3.6GHz HBT HYBRID IC
MGFS36E3436A MITSUBISHI-MGFS36E3436A_10 Datasheet
131Kb / 8P
   3.4-3.6GHz HBT HYBRID IC
logo
SIRENZA MICRODEVICES
SZM-3166Z SIRENZA-SZM-3166Z Datasheet
355Kb / 9P
   3.3-3.6GHz 2W Power Amplifier
logo
Mitsubishi Electric Sem...
MGFS38E2325-01 MITSUBISHI-MGFS38E2325-01 Datasheet
466Kb / 21P
   2.3 - 2.5GHz HBT MMIC MODULE
MGFS38E2527-01 MITSUBISHI-MGFS38E2527-01 Datasheet
456Kb / 21P
   2.5 - 2.7GHz HBT MMIC MODULE
logo
Analog Devices
HMC434 AD-HMC434 Datasheet
357Kb / 6P
   SMT GaAs HBT MMIC
logo
Hittite Microwave Corpo...
HMC361G8 HITTITE-HMC361G8 Datasheet
563Kb / 6P
   SMT GaAs HBT MMIC
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
   HBT GAIN BLOCK MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com