Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE1600 Datasheet(PDF) 2 Page - TDK Electronics

Part # HFE1600
Description  1600W 1U Front End Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HFE1600 Datasheet(HTML) 2 Page - TDK Electronics

  HFE1600 Datasheet HTML 1Page - TDK Electronics HFE1600 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A9: Oct 2012
HFE1600 Series
Output
Adjust
Max Current
Max Power
Max Current
Max Power
Model
Voltage
Range(1)
(Vin>170VAC)
(Vin>170VAC)
(100<Vin<170VAC)(2)
(100<Vin<170VAC)(2)
HFE1600-12
12V
9.6 - 13.2V
133A
1596W
100A
1200W
HFE1600-12/S
12V
9.6 - 13.2V
133A
1596W
100A
1200W
HFE1600-24
24V
19.2 - 29V
67A
1608W
50A
1200W
HFE1600-24/S
24V
19.2 - 29V
67A
1608W
50A
1200W
HFE1600-48
48V
38.4 - 58V
33A
1584W
25A
1200W
HFE1600-48/S
48V
38.4 - 58V
33A
1584W
25A
1200W
Load
Line
Ripple &
Efficiency
Model
Reg
Reg
Noise(1)
(%)(3)
I2C
HFE1600-12
60mV
30mV
240mV
87 / 90%
-
HFE1600-12/S
60mV
30mV
240mV
87 / 90%
Yes
HFE1600-24
120mV
60mV
240mV
88 / 90%
-
HFE1600-24/S
120mV
60mV
240mV
88 / 90%
Yes
HFE1600-48
240mV
120mV
480mV
89 / 92%
-
HFE1600-48/S
240mV
120mV
480mV
89 / 92%
Yes
Model Selector
Model
Description
Maximum Rack Current
HFE1600-S1U
Five slot 19” rack, IEC320-C16 input connectors (5)
200A each side (400A total)
HFE1600-S1U-TB
Five slot 19” rack, Terminal Block input connectors (5)
200A each side (400A total)
HFE1600/BP
One slot blanking panel, three provided with each rack
-
HFE/C15U
AC Power cord, 2.0m long, one per power supply required
Accessories
For Additional Information, please visit
us.tdk-lambda.com/lp/products/hfe-series.htm
Outline HFE1600
Outline HFE1600S1U
(3)
At 75% load, 100 / 230VAC input
FRONT VIEW
86.2
±0.5
85.0
±0.5
21.4
42.2
POWER SUPPLY LOCKING
SEE NOTE 2
300.0
±0.5
9.4
252.0
±0.5
43.0
311.0
±1.0
320.4
±1.0
MOUNTING HOLES M4
MARKED "A"
2 HOLES ON EACH SIDE.
A
A
43.0
REAR VIEW
IN/OUT CONNECTOR
SEE NOTE 1.
NOTES
1. MOUNTING HOLES FOR RACK 19". USE M6x12 SCREWS TO FIX THE
UNIT TO A RACK.
2. USE NUT,FLAT WASHER AND SPRING WASHER FOR LOAD WIRES
FIXING. USE M6 LUG FOR LOAD WIRES.RECOMMENDED
TORQUE: 42-56 Kgf.cm
3. TO FIX THE MOUNTING BRACKET TO THE CHASSIS USE M5x10 SEMS
SCREWS .RECOMMENDED TIGHTENING TORQUE 27~31Kgf.cm.
SCREWS MUST NOT PENETRATE THE CHASSIS MORE THAN 6.0 mm.
4. REFER TO INSTRUCTION MANUAL FOR SETTING DETAILS.
5. MODEL NAME, VOLTAGE AND CURRENT RATING AND SAFETY
APPROVALS SYMBOLS WILL BE SHOWN HERE ACCORDING TO
THE SPECIFICATION.
445.0
±1.0
HOLES FOR
BLANK PANEL
MOUNTING.
USE FLAT HEAD
SCREW M3x6
10 PLACES
MARKED "A"
SEE NOTE 2.
MODEL KEY
FOR DIFFERENT
OUTPUT VOLTAGE MODELS.
12V 24V 32V 48V
12V 24V 32V 48V
12V 24V 32V 48V
12V 24V 32V 48V
12V 24V 32V 48V
466.2
±0.5
483.0
±1.0
A
A
A
A
A
SEE NOTE 1.
6. THE HFE-S1U RACK IS SHOWN WITH 5 HFE1600
UNITS INSTALLED.
13.0 TYPx2
13.0 TYPx2
M5 HOLES FOR
MOUNTING BRACKETS.
4 PLACES
(SEE NOTE 3.)
74.0
55.0
55.0
236.6
290.0
80.5
114.0
14.0 TYPx2
20.0 TYPx2
MODULE "
A "
MODULE "
B "
MODULE "
C "
MODULE "
D "
MODULE "
E "
OUTPUT
BUS BAR "
-V "
OUTPUT
BUS BAR "
-V "
OUTPUT
BUS BAR "
+V "
OUTPUT
BUS BAR "
+V "
PMBUS ADRESS
SEE NOTE 4.


Similar Part No. - HFE1600

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HFE1600 TDK-HFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE1600-12 TDK-HFE1600-12 Datasheet
166Kb / 1P
   AC-DC Power Supplies
HFE1600-12-S TDK-HFE1600-12-S Datasheet
166Kb / 1P
   AC-DC Power Supplies
HFE1600-24 TDK-HFE1600-24 Datasheet
166Kb / 1P
   AC-DC Power Supplies
HFE1600-24-S TDK-HFE1600-24-S Datasheet
166Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - HFE1600

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE2500 TDK-HFE2500 Datasheet
1Mb / 2P
   2500W 1U Front End Power Supplies
logo
Mean Well Enterprises C...
RCP-1600 MEANWELL-RCP-1600 Datasheet
200Kb / 6P
   1600W Rack Mountable Front End Rectifier
logo
TDK Electronics
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
   1000W Front End Power Supplies
logo
Murata Manufacturing Co...
D1U54-D-1200-12-HC4PC MURATA-D1U54-D-1200-12-HC4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
   54mm 1U Front End HVDC Power Supply Converter
D1U54-D-1200-12-HX4PC MURATA-PS-D1U54-D-1200-12-HX4PC Datasheet
259Kb / 6P
   54mm 1U Front End DC-DC Power Converter
logo
Bel Fuse Inc.
PFE1500 BEL-PFE1500 Datasheet
2Mb / 27P
   AC-DC FRONT-END POWER SUPPLIES
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com