Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T56 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T56
Description  Serial real-time clock (RTC) with 56 bytes NVRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T56_11 Datasheet HTML 1Page - STMicroelectronics M41T56_11 Datasheet HTML 2Page - STMicroelectronics M41T56_11 Datasheet HTML 3Page - STMicroelectronics M41T56_11 Datasheet HTML 4Page - STMicroelectronics M41T56_11 Datasheet HTML 5Page - STMicroelectronics M41T56_11 Datasheet HTML 6Page - STMicroelectronics M41T56_11 Datasheet HTML 7Page - STMicroelectronics M41T56_11 Datasheet HTML 8Page - STMicroelectronics M41T56_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
M41T56
Description
Doc ID 6104 Rev 9
5/27
1
Description
The M41T56 is a low-power, serial real-time clock (RTC) with 56 bytes of NVRAM. A built-in
32,768 Hz oscillator (external crystal controlled) and the first 8 bytes of the RAM are used
for the clock/calendar function and are configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a two-line, bidirectional bus. The built-in
address register is incremented automatically after each WRITE or READ data byte.
The M41T56 clock has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply during power failures. The energy needed to
sustain the RAM and clock operations can be supplied from a small lithium coin cell.
Typical data retention time is in excess of 10 years with a 50 mAh, 3 V lithium cell. The
M41T56 is supplied in an 8-lead plastic SOIC package.
Figure 1.
Logic diagram
AI02304B
OSCI
VCC
M41T56
VSS
SCL
OSCO
SDA
FT/OUT
VBAT


Similar Part No. - M41T56_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T56C64MY6E STMICROELECTRONICS-M41T56C64MY6E Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T56C64MY6F STMICROELECTRONICS-M41T56C64MY6F Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
M41T56M6E STMICROELECTRONICS-M41T56M6E Datasheet
254Kb / 28P
   512 bit 64b x8 Serial Access TIMEKEEPER SRAM
M41T56M6E STMICROELECTRONICS-M41T56M6E Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
More results

Similar Description - M41T56_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
Texas Instruments
BQ4285 TI-BQ4285 Datasheet
1Mb / 27P
[Old version datasheet]   Real-Time Clock RTC With NVRAM Control
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
logo
STMicroelectronics
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T94 STMICROELECTRONICS-M41T94_07 Datasheet
346Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
   Serial real-time clock (RTC) with audio
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
   Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com