Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus real-time clock with battery switchover
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T93_11 Datasheet HTML 3Page - STMicroelectronics M41T93_11 Datasheet HTML 4Page - STMicroelectronics M41T93_11 Datasheet HTML 5Page - STMicroelectronics M41T93_11 Datasheet HTML 6Page - STMicroelectronics M41T93_11 Datasheet HTML 7Page - STMicroelectronics M41T93_11 Datasheet HTML 8Page - STMicroelectronics M41T93_11 Datasheet HTML 9Page - STMicroelectronics M41T93_11 Datasheet HTML 10Page - STMicroelectronics M41T93_11 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
M41T93
Description
Doc ID 12615 Rev 6
7/51
Figure 1.
Logic diagram
1.
For QFN16 package only
2.
Defaults to 32 KHz on power-up
3.
Open drain
Table 1.
Signal names
Symbol
Description
XI(1)
1.
For QFN16 package only
32 KHz oscillator input
XO(1)
32 KHz oscillator output
IRQ/FT/OUT
Interrupt /frequency test/output driver (open drain)
SQW(2)
2.
Defaults to 32 KHz on power-up
32 KHz programmable square wave output
RST
Power-on reset output (open drain)
E
Chip enable
SDI
Serial data address input
SDO
Serial data address output
SCL
Serial clock input
VBAT
Battery supply voltage (Tie VBAT to VSS if no battery is connected.)
DU(3)
3.
Do not use (must be tied to VCC)
Do not use
VCC
Supply voltage
VSS
Ground
SDI
VCC
VSS
VBAT
SCL
RST
(3)
E
IRQ/OUT/FT
(3)
SQW
(2)
SDO
XI
(1)
XO
(1)
AI11818


Similar Part No. - M41T93_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93RMY6E STMICROELECTRONICS-M41T93RMY6E Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93RMY6F STMICROELECTRONICS-M41T93RMY6F Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93RMY6F STMICROELECTRONICS-M41T93RMY6F Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93RQA6E STMICROELECTRONICS-M41T93RQA6E Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
More results

Similar Description - M41T93_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
logo
Microchip Technology
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
logo
Golledge Electronics Lt...
RV3049C3 GOLLEDGE-RV3049C3 Datasheet
150Kb / 1P
   Real Time Clock - SPI Bus
RV3049C2 GOLLEDGE-RV3049C2_16 Datasheet
182Kb / 1P
   Real Time Clock - SPI Bus
RV3049C2 GOLLEDGE-RV3049C2 Datasheet
185Kb / 1P
   Real Time Clock - SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com