Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T08 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T08_11 Datasheet HTML 2Page - STMicroelectronics M48T08_11 Datasheet HTML 3Page - STMicroelectronics M48T08_11 Datasheet HTML 4Page - STMicroelectronics M48T08_11 Datasheet HTML 5Page - STMicroelectronics M48T08_11 Datasheet HTML 6Page - STMicroelectronics M48T08_11 Datasheet HTML 7Page - STMicroelectronics M48T08_11 Datasheet HTML 8Page - STMicroelectronics M48T08_11 Datasheet HTML 9Page - STMicroelectronics M48T08_11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Description
M48T08, M48T08Y, M48T18
6/31
Doc ID 2411 Rev 11
Table 1.
Signal names
Figure 2.
DIP connections
Figure 3.
SOIC connections
A0-A12
Address inputs
DQ0-DQ7
Data inputs / outputs
INT
Power fail interrupt (open drain)
E1
Chip enable 1
E2
Chip enable 2
G
Output enable
W
WRITE enable
VCC
Supply voltage
VSS
Ground
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
E2
A10
A8
A9
DQ7
W
A11
G
E1
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
INT
VCC
AI01182
M48T08
M48T18
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
AI01021B
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
E2
A10
A8
A9
DQ7
W
A11
G
E1
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
INT
VCC
M48T08Y


Similar Part No. - M48T08_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T08-100MH1 STMICROELECTRONICS-M48T08-100MH1 Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
M48T08-100MH1TR STMICROELECTRONICS-M48T08-100MH1TR Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
M48T08-100PC1 STMICROELECTRONICS-M48T08-100PC1 Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
M48T08-100PC1TR STMICROELECTRONICS-M48T08-100PC1TR Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
M48T08-150MH1 STMICROELECTRONICS-M48T08-150MH1 Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
More results

Similar Description - M48T08_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_10 Datasheet
497Kb / 26P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35Y STMICROELECTRONICS-M48T35Y Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M48T35 STMICROELECTRONICS-M48T35_11 Datasheet
478Kb / 28P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 10
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com