Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2632C2A Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPBT2632C2A
Description  Bluetooth짰 technology class-2 module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPBT2632C2A Datasheet HTML 2Page - STMicroelectronics SPBT2632C2A Datasheet HTML 3Page - STMicroelectronics SPBT2632C2A Datasheet HTML 4Page - STMicroelectronics SPBT2632C2A Datasheet HTML 5Page - STMicroelectronics SPBT2632C2A Datasheet HTML 6Page - STMicroelectronics SPBT2632C2A Datasheet HTML 7Page - STMicroelectronics SPBT2632C2A Datasheet HTML 8Page - STMicroelectronics SPBT2632C2A Datasheet HTML 9Page - STMicroelectronics SPBT2632C2A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Description
SPBT2632C2A
6/27
Doc ID 022833 Rev 4
1
Description
The SPBT2632C2A.AT2 is an easy to use Bluetooth module, compliant with Bluetooth v3.0.
The module is the smallest form factor available which provides a complete RF platform.
The SPBT2632C2A.AT2 enables electronic devices with wireless connectivity, not requiring
any RF experience or expertise for integration into the final product. The
SPBT2632C2A.AT2 module, being a certified solution, optimizes the time to market of the
final applications.
The module is designed for maximum performance in a minimal space including fast speed
UART and 7 general purpose I/O lines, several serial interface options, and up to 1.5 Mbps
data throughput.
Optimized design allows the integration of a complete working Bluetooth modem, including
antenna, in the minimum possible size; only an additional external LPO (low power
oscillator) is required to enable low power mode capability.
The SPBT2632C2A.AT2 is a surface mount PCB module that provides fully embedded,
ready to use Bluetooth wireless technology. The reprogrammable Flash memory contains
embedded firmware for serial cable replacement using the Bluetooth SPP profile.
Embedded Bluetooth AT2 command firmware is a friendly interface, which realizes a simple
control for cable replacement, enabling communication with most Bluetooth enabled
devices, provided that the devices support the SPP profile. The SPBT2632C2A.AT2 ,
supporting iAP profile, provides communication with Android, smartphone, and Apple® iOS
Bluetooth enabled devices.
An Apple authentication IC is required to exchange data with an Apple device or access an
Apple device application. The AT2 FW includes the Bluetooth SPP profile capable of
recognizing the Apple authentication chip.
Customers using the Apple authentication IC must register as developers to become an
Apple certified MFI member. License fees may apply, for additional information visit:
http://developer.apple.com/programs/which-program/index.html.
Certified MFI developers developing electronic accessories that connect to the iPod®,
iPhone®, and iPad® gain access to technical documentation, hardware components,
technical support and certification logos.
Customized firmware for peripheral device interaction, power optimization, security, and
other proprietary features may be supported and can be ordered pre-loaded and configured.


Similar Part No. - SPBT2632C2A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
More results

Similar Description - SPBT2632C2A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
   Bluetooth짰 technology module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
List of Unclassifed Man...
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2632C2A.AT2 module
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2532C2.AT2 module
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
   USB Dongle for the Bluetooth짰 class 2 SPBT2532C2.AT module
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com