Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPIRIT1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPIRIT1
Description  Low data rate, low power sub-1GHZ transceiver
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPIRIT1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPIRIT1 Datasheet HTML 7Page - STMicroelectronics SPIRIT1 Datasheet HTML 8Page - STMicroelectronics SPIRIT1 Datasheet HTML 9Page - STMicroelectronics SPIRIT1 Datasheet HTML 10Page - STMicroelectronics SPIRIT1 Datasheet HTML 11Page - STMicroelectronics SPIRIT1 Datasheet HTML 12Page - STMicroelectronics SPIRIT1 Datasheet HTML 13Page - STMicroelectronics SPIRIT1 Datasheet HTML 14Page - STMicroelectronics SPIRIT1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
SPIRIT1
Typical application diagram and pin description
Doc ID 022758 Rev 3
11/94
Table 2 assumes to cover all the frequency bands using only four sets of external
components.
L7, L8
SMPS LC filter inductor
XTAL
24, 26, 48, 52 MHz
Table 2.
Description of the external components of the typical application diagram
(continued)
Components
Description


Similar Part No. - SPIRIT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
   Low data rate, low power sub-1GHZ transceiver
More results

Similar Description - SPIRIT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
   Low data rate, low power sub-1GHZ transceiver
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
   Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
logo
Rohm
BP3596 ROHM-BP3596 Datasheet
574Kb / 2P
   Low Power Sub-1GHz Radio Module
logo
Maxim Integrated Produc...
MAX7037 MAXIM-MAX7037 Datasheet
987Kb / 35P
   Sub-1GHz, Ultra-Low-Power, RF ISM Transceiver for Consumer/Industrial Applications
Rev 0; 9/16
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
   Low Power Wireless Transceiver Data Module
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com