Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-03S-12 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPS-03S-12
Description  Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPS-03S-12 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPS-03S-12 Datasheet HTML 1Page - MicroPower Direct, LLC MPS-03S-12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
See Note 1
85
264
VAC
100
400
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current, See Note 1
115 VAC
10
A
230 VAC
20
Leakage Current
50
µA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = 10% to 100%
±0.5
%
Load Regulation
See Note 2
±1.0
%
Ripple & Noise (20 MHz)
3.3V And 5V Output Models
50
mV Pk - Pk
All Other Models
100
Hold Time, See Note 1
115 VAC
16
mS
230 VAC
40
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Temperature Protection
See Note 3
150
°C
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output, 60 Sec
2,000
VAC
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+90
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
85
%
Physical
Case Size
1.38 x 0.42 x 0.87 Inches (35.0 x 10.6 x 22.5 mm)
Case Material
Non-Conductive Epoxy (UL94-V0)
Weight
1.24 Oz (35g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Class
IEC 61140 Class II
Single Output, 3W
Ultra-Miniature SIP
AC/DC Power Supplies
Key Features:
3W Output Power
Universal 85-264 VAC Input
100 - 400 VDC Input
Meets IEC Safety Class II
-40ºC to +85ºC Operation
Single Regulated Output
>300 kHour MTBF
Ultra-Miniature SIP Case
MPS-03 Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPS-03S-12

ManufacturerPart #DatasheetDescription
logo
SICK AG
MPS-032THTP0 SICK-MPS-032THTP0 Datasheet
2Mb / 6P
   POSITION SENSORS
MPS-032TLTQ0 SICK-MPS-032TLTQ0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPS-032TSNP0 SICK-MPS-032TSNP0 Datasheet
2Mb / 6P
   POSITION SENSORS
MPS-032TSNQDS04 SICK-MPS-032TSNQDS04 Datasheet
2Mb / 7P
   POSITION SENSORS
MPS-032TSNU0 SICK-MPS-032TSNU0 Datasheet
1Mb / 6P
   POSITION SENSORS
More results

Similar Description - MPS-03S-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-03SE MPD-MPL-03SE Datasheet
396Kb / 2P
   Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
MPM-03 MPD-MPM-03 Datasheet
189Kb / 2P
   Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MD300S MPD-MD300S Datasheet
199Kb / 2P
   Miniature 3W Single Output SIP DC/DC Converters
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
   1W, Ultra Miniature SIP, Single Output DC/DC Converter
logo
MicroPower Direct, LLC
E200 MPD-E200 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com