Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50B4LB060 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM50B4LB060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50B4LB060 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM50B4LB060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50B4LB060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50B4LB060
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2007
2
600
50
100
134
–20 ~ +150
Ratings
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25°C
TC = 25°C
TC = 25°C
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Unit
INTERNAL FUNCTIONS BLOCK DIAGRAM
GND IN
Fo
Vcc
GND SC
OUT
OT
UP
GND IN
Fo
Vcc
GND SC
OUT
OT
N
GND IN
Fo
Vcc
GND SC
OUT
OT
W
GND IN
Fo
Vcc
GND SC
OUT
OT
V
B
UP
VUP1
UFO
VUPC
UN
VN
VN1
NC
VNC
VP
VVP1
VFO
FO
NC
VVPC
NC
NC
NC
NC
1.5k
1.5k
1.5k
CONTROL PART
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Applied between : VUP1-VUPC
VVP1-VVPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC
UN • VN-VNC
Applied between : UFO-VUPC, VFO-VVPC, FO-VNC
Sink current at UFO, VFO, FO terminals
20
20
20
20
VD
VCIN
VFO
IFO
V
V
V
mA
Ratings
Condition
Unit
Symbol
Parameter


Similar Part No. - PM50B4LB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B4LB060 MITSUBISHI-PM50B4LB060 Datasheet
144Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50B4LB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com