Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1H100-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1H100-Y
Description  Automotive high voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1H100-Y Datasheet HTML 1Page - STMicroelectronics STPS1H100-Y Datasheet HTML 2Page - STMicroelectronics STPS1H100-Y Datasheet HTML 3Page - STMicroelectronics STPS1H100-Y Datasheet HTML 4Page - STMicroelectronics STPS1H100-Y Datasheet HTML 5Page - STMicroelectronics STPS1H100-Y Datasheet HTML 6Page - STMicroelectronics STPS1H100-Y Datasheet HTML 7Page - STMicroelectronics STPS1H100-Y Datasheet HTML 8Page - STMicroelectronics STPS1H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS1H100-Y
4/9
Doc ID 17935 Rev 1
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMB)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMA)
Z/R
th(j-c)
th(j-c)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMB
t (s)
p
Z/R
th(j-c)
th(j-c)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMA
t (s)
p
Figure 9.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 10.
Junction capacitance versus
reverse voltage applied
(typical values)
I (µA)
R
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
1020
3040506070
8090
100
T
j=125 °C
T
j=25 °C
V (V)
R
C(pF)
10
100
1
10
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
V (V)
R
Figure 11.
Forward voltage drop versus
forward current (maximum values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMB)
I
(A)
FM
0.01
0.10
1.00
10.00
100.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
j=25 °C
T
j=125 °C
V
(V)
FM
R
(°C/W)
th(j-a)
20
30
40
50
60
70
80
90
100
110
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMB
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm


Similar Part No. - STPS1H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
71Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
STPS1H100 STMICROELECTRONICS-STPS1H100 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
76Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS1H100A STMICROELECTRONICS-STPS1H100A Datasheet
71Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
August 2004 REV. 5
More results

Similar Description - STPS1H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100AY STMICROELECTRONICS-STPS1H100AY Datasheet
136Kb / 9P
   Automotive high voltage power Schottky rectifier
STPS2H100ZFY STMICROELECTRONICS-STPS2H100ZFY Datasheet
299Kb / 8P
   Automotive high voltage power Schottky rectifier
October 2016 Rev 1
STPS5H100-Y STMICROELECTRONICS-STPS5H100-Y Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100BY-TR STMICROELECTRONICS-STPS5H100BY-TR Datasheet
90Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS15H100C-Y STMICROELECTRONICS-STPS15H100C-Y Datasheet
200Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS200170TV1Y STMICROELECTRONICS-STPS200170TV1Y Datasheet
107Kb / 7P
   Automotive high voltage power Schottky rectifier
STPS5H100AFY STMICROELECTRONICS-STPS5H100AFY Datasheet
312Kb / 8P
   Automotive high voltage power Schottky rectifier
June 2016
STPS40170C-Y STMICROELECTRONICS-STPS40170C-Y Datasheet
111Kb / 8P
   Automotive high voltage power Schottky rectifier
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com