Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM75B5LA060 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM75B5LA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75B5LA060 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM75B5LA060_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75B5LA060_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75B5LA060
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2005
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25°C
TC = 25°C
TC = 25°C
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
600
75
150
390
–20 ~ +150
INTERNAL FUNCTIONS BLOCK DIAGRAM
VCES
IC
ICP
PC
IF
VR(DC)
Tj
CONVERTER PART
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
FWDi Forward Current
FWDi Rated DC Reverse Voltage
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25°C
TC = 25°C
TC = 25°C
(Note-1)
TC = 25°C
TC = 25°C
V
A
A
W
A
V
°C
Symbol
Parameter
Condition
Ratings
Unit
600
75
150
390
75
600
–20 ~ +150
IFO
CONTROL PART
V
mA
20
20
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Symbol
Parameter
Condition
Ratings
Unit
Applied between : VUP1-VUPC
VVP1-VVPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC
UN • VN • WN-VNC
Applied between : UFO-VUPC, VFO-VVPC, FO-VNC
Sink current at UFO, VFO, FO terminals
20
20
VD
VCIN
VFO
V
V
GND IN
Fo
Vcc
GND SC
OUT
OT
UP
GND IN
Fo
Vcc
GND SC
OUT
OT
N
GND IN
Fo
Vcc
GND SC
OUT
OT
GND IN
Fo
Vcc
GND SC
OUT
OT
W
GND IN
Fo
Vcc
GND SC
OUT
OT
V
B
UP
VUP1
UFO
VUPC
UN
VN
VN1
WN
VNC
VP
VVP1
VFO
FO
NC
VVPC
NC
NC
NC
NC
1.5k
1.5k
1.5k


Similar Part No. - PM75B5LA060_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75B5LA060 MITSUBISHI-PM75B5LA060 Datasheet
173Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75B5LA060_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com