Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150CVA060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM150CVA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM150CVA060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM150CVA060_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM150CVA060_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM150CVA060_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM150CVA060_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM150CVA060_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM150CVA060_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM150CVA060
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
Supply Voltage Protected by
SC
Supply Voltage (Surge)
Module Case Operating
Temperature
Storage Temperature
Isolation Voltage
VCC(surge)
TC
Tstg
Viso
V
VD = 13.5 ~ 16.5V, Inverter Part,
Tj = 125
°C Start
Applied between : P-N, Surge value or without
switching
(Note-1)
60Hz, Sinusoidal, Charged part to Base, AC 1 min.
400
Parameter
Symbol
Condition
Ratings
VCC(PROT)
500
–20 ~ +100
–40 ~ +125
2500
Unit
V
°C
°C
Vrms
TOTAL SYSTEM
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
–IC = 150A, VD = 15V, VCIN = 15V
VD = 15V, IC = 150A
VCIN = 0V
V
µs
V
mA
2.80
3.05
3.30
2.1
0.3
1.1
2.9
1.2
1
10
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
Collector-Emitter
Cutoff Current
Parameter
Symbol
Test Condition
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
0.4
2.35
2.55
2.20
0.8
0.2
0.3
1.8
0.6
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 0V
↔15V
VCC = 300V, IC = 150A
Tj = 125
°C
Inductive Load (upper and lower arm)
VCE = VCES, VCIN = 15V
Unit
Tj = 25
°C
Tj = 125
°C
CONTROL PART
(Note-2) Fault output is given only when the internal SC, OT & UV protection.
Fault output of OT protection operate by lower arm
Fault output of OT, UV protection given pulse while over level.
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
–20
≤ Tj ≤ 125°C, VD = 15V
VD = 15V
Base-plate
Temperature detection, VD = 15V
Vth(ON)
Vth(OFF)
SC
toff(SC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Short Circuit Trip Level
Short Circuit Current Delay
Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
40
13
1.5
2.0
10
118
100
12.0
12.5
10
1.8
–20
≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-2)
VD = 15V
(Note-2)
V
A
Trip level
Reset level
Trip level
Reset level
ID
µs
°C
V
mA
ms
55
18
1.8
2.3
125
12.5
0.01
15
mA
1.2
1.7
210
111
11.5
1.0
Parameter
Symbol
Test Condition
Max.
Min.
Typ.
Unit
Limits
VN1-VNC
V*P1-V*PC
(Note-1) TC measurement point is below. (3mm depth at the center of the side of base plate)
Tc


Similar Part No. - PM150CVA060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CVA060 MITSUBISHI-PM150CVA060_05 Datasheet
80Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150CVA060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com