Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS15SM80C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS15SM80C
Description  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15SM80C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS15SM80C Datasheet HTML 1Page - STMicroelectronics STPS15SM80C Datasheet HTML 2Page - STMicroelectronics STPS15SM80C Datasheet HTML 3Page - STMicroelectronics STPS15SM80C Datasheet HTML 4Page - STMicroelectronics STPS15SM80C Datasheet HTML 5Page - STMicroelectronics STPS15SM80C Datasheet HTML 6Page - STMicroelectronics STPS15SM80C Datasheet HTML 7Page - STMicroelectronics STPS15SM80C Datasheet HTML 8Page - STMicroelectronics STPS15SM80C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2011
Doc ID 018737 Rev 1
1/11
11
STPS15SM80C
Power Schottky rectifier
Features
High junction temperature capability
Optimized trade-off between leakage current
and forward voltage drop
Low leakage current
Avalanche capability specified
Insulated package TO-220FPAB
– insulated voltage: 2000 V
– package capacitance: 45 pF
Description
This dual diode Schottky rectifier is suited for high
frequency switch mode power supply.
Packaged in TO-220AB, I2PAK, D2PAK and TO-
220FPAB, this device is particularly suited for use
in notebook, game station, LCD TV and desktop
adapters, providing these applications with a
good efficiency at both low and high load.
Figure 1.
Electrical characteristics(a)
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 7.5 A
VRRM
80 V
Tj (max)
175 °C
VF (typ)
485 mV
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 13. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
A1
K
A2
A1
A2
K
A1
A2
K
K
A1
A2
K
K
TO-220AB
STPS15SM80CT
TO-220FPAB
STPS15SM80CFP
I2PAK
STPS15SM80CR
D2PAK
STPS15SM80CG-TR
A1
A2
K
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


Similar Part No. - STPS15SM80C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1545 STMICROELECTRONICS-STPS1545 Datasheet
89Kb / 6P
   POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 5F
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C STMICROELECTRONICS-STPS1545C Datasheet
144Kb / 9P
   Power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS1545CF STMICROELECTRONICS-STPS1545CF Datasheet
84Kb / 7P
   POWER SCHOTTKY RECTIFIER
June 1999 - Ed: 4B
More results

Similar Description - STPS15SM80C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com