Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK582000TM-85LL Datasheet(PDF) 4 Page - Sony Corporation

Part # CXK582000TM-85LL
Description  262144-word X 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK582000TM-85LL Datasheet(HTML) 4 Page - Sony Corporation

  CXK582000TM-85LL Datasheet HTML 1Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 2Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 3Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 4Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 5Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 6Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 7Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 8Page - Sony Corporation CXK582000TM-85LL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
– 4 –
CXK582000TM/YM/M
Input capacitance
I/O capacitance
Item
Symbol Test conditons
Min.
Typ.
Max.
Unit
CIN
CI/O
7
8
pF
pF
VIN = 0V
VI/O = 0V
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
Output load conditions
VIH = 2.2V
VIL = 0.8V
tr = 5ns
tf = 5ns
1.5V
CL
∗ = 100pF, 1TTL
Item
Conditions
AC Characteristics
• AC test conditions
(VCC = 5V ± 10%, Ta = 0 to +70°C)
∗ CL includes scope and jig capacitances.
I/O capacitance
(Ta = 25°C, f = 1MHz)
Note) This parameter is sampled and is not 100% tested.
TTL
CL


Similar Part No. - CXK582000TM-85LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10 SONY-CXK58256M-10 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10L SONY-CXK58256M-10L Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12 SONY-CXK58256M-12 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12L SONY-CXK58256M-12L Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
More results

Similar Description - CXK582000TM-85LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
   262144-word x 4-bit High Speed Bi-CMOS Static RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256BFP MITSUBISHI-M5M5256BFP Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com