Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2037B-2 Datasheet(PDF) 7 Page - RF Monolithics, Inc

Part # SF2037B-2
Description  Designed for SDARS IF Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2037B-2 Datasheet(HTML) 7 Page - RF Monolithics, Inc

  SF2037B-2 Datasheet HTML 1Page - RF Monolithics, Inc SF2037B-2 Datasheet HTML 2Page - RF Monolithics, Inc SF2037B-2 Datasheet HTML 3Page - RF Monolithics, Inc SF2037B-2 Datasheet HTML 4Page - RF Monolithics, Inc SF2037B-2 Datasheet HTML 5Page - RF Monolithics, Inc SF2037B-2 Datasheet HTML 6Page - RF Monolithics, Inc SF2037B-2 Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
76.500 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 7
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2037B-2-022607
Tape and Reel Specifications
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
2000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
5.5 mm
Bo
7.5 mm
Ko
2.0 mm
Pitch
8.0 mm
W
16.0 mm
PIN #1
See Detail "A"
2.0
12.0
16.0


Similar Part No. - SF2037B-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2037B-2 MURATA-SF2037B-2 Datasheet
248Kb / 7P
   76.500 MHz SAW Filter
More results

Similar Description - SF2037B-2

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2038B-3 RFM-SF2038B-3 Datasheet
84Kb / 3P
   Designed for SDARS IF Receiver
SF2038B RFM-SF2038B Datasheet
250Kb / 7P
   Designed for SDARS IF Receiver
SF2039B RFM-SF2039B Datasheet
190Kb / 7P
   Designed for SDARS IF Receiver
SF1141B RFM-SF1141B Datasheet
471Kb / 6P
   Designed for SDARS IF Receiver
SF2038B-2 RFM-SF2038B-2 Datasheet
250Kb / 7P
   Designed for SDARS IF Receiver
SF2038C RFM-SF2038C Datasheet
815Kb / 5P
   Designed for SDARS IF Receiver
SF2039B-2 RFM-SF2039B-2 Datasheet
239Kb / 7P
   Designed for SDARS IF Receiver
SF1141B-4 RFM-SF1141B-4 Datasheet
106Kb / 3P
   Designed for SDARS IF Receiver
SF2039B-3 RFM-SF2039B-3 Datasheet
84Kb / 3P
   Designed for SDARS IF Receiver
SF2037C RFM-SF2037C Datasheet
856Kb / 5P
   Designed for SDARS IF Receiver
SF2040B RFM-SF2040B Datasheet
242Kb / 7P
   Designed for SDARS IF Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com