Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300DV1A120 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PM300DV1A120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM300DV1A120 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button PM300DV1A120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PM300DV1A120 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
MITSUBISHI <INTELLIGENT POWER MODULES>
PM300DV1A120
FLAT-BASE TYPE
INSULATED PACKAGE
November. 2011
PERFORMANCE CURVES
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
0
50
100
150
200
250
300
0.5
1.0
1.5
2.0
0
0.5
1
1.5
2
2.5
0
50
100
150
200
250
300
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
FREE WHEELING DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
1.0
1.5
2.0
2.5
12
13
14
15
16
17
18
0
50
100
150
200
250
300
00.511.5
22.5
3
CONTROL VOLTAGE VD (V)
EMITTER-COLLECTOR VOLTAGE VEC (V)
Tj=25°C
Ic=300A
Tj=25°C
Tj=125°C
VD=15V
Tj=25°C
Tj=125°C
VD=17V
VD=15V
VD=13V
VD=15V
Tj=25°C
Tj=125°C


Similar Part No. - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300DV1A120 POWEREX-PM300DV1A120 Datasheet
476Kb / 6P
   Single Phase IGBT Inverter Output 300 Amperes/1200 Volts
More results

Similar Description - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com