Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS22A72 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS22A72
Description  Dual-In-Line Package Intelligent Power Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS22A72 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button PS22A72 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS22A72 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
< Dual-In-Line Package Intelligent Power Module >
PS22A72
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : January 2012
6
Fig. 4 Timing Charts of DIPIPM Protective Functions
[A] Short-Circuit Protection (N-side only with the external sense resistor and RC filter)
a1. Normal operation: IGBT ON and outputs current.
a2. Short circuit current detection (SC trigger)
(It is recommended to set RC time constant 1.5~2.0μs so that IGBT shut down within 2.0μs when SC occurs.)
a3. All N-side IGBT's gates are hard interrupted.
a4. All N-side IGBTs turn OFF.
a5. FO outputs with a fixed pulse width determined by the external capacitor CFO.
a6. Input = “L”: IGBT OFF
a7. Fo finishes output, but IGBTs don't turn on until inputting next ON signal (L
H).
(IGBT of each phase can return to normal state by inputting ON signal to each phase.)
a8. Normal operation: IGBT ON and outputs current.
[B] Under-Voltage Protection (N-side, UVD)
b1. Control supply voltage VD exceeds under voltage reset level (UVDr), but IGBT turns ON by next ON signal (L
H).
(IGBT of each phase can return to normal state by inputting ON signal to each phase.)
b2. Normal operation: IGBT ON and outputs current.
b3. VD level drops to under voltage trip level. (UVDt).
b4. All N-side IGBTs turn OFF in spite of control input condition.
b5. Fo outputs for the period determined by the capacitance CFO, but output is extended during VD keeps below UVDr.
b6. VD level reaches UVDr.
b7. Normal operation: IGBT ON and outputs current by next ON signal (L
H).
Lower-side control
input
Protection circuit state
Internal IGBT gate
Output current Ic
Sense voltage of
the sense resistor
Error output Fo
SC
trip current level
a2
SET
RESET
SC reference voltage
a1
a3
a6
a7
a4
a8
a5
Delay by RC filtering
UVDr
RESET
SET
RESET
UVDt
b1
b2
b3
b4
b6
b7
b5
Control input
Protection circuit state
Control supply voltage VD
Output current Ic
Error output Fo


Similar Part No. - PS22A72

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A73 MITSUBISHI-PS22A73 Datasheet
325Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS22A74 MITSUBISHI-PS22A74 Datasheet
313Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS22A79 MITSUBISHI-PS22A79 Datasheet
319Kb / 11P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS22A72

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com