Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100A120JT Datasheet(PDF) 5 Page - RF Micro Devices

Part # ATC100A120JT
Description  280W GaN WIDEBAND PULSED POWER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ATC100A120JT Datasheet(HTML) 5 Page - RF Micro Devices

  ATC100A120JT Datasheet HTML 1Page - RF Micro Devices ATC100A120JT Datasheet HTML 2Page - RF Micro Devices ATC100A120JT Datasheet HTML 3Page - RF Micro Devices ATC100A120JT Datasheet HTML 4Page - RF Micro Devices ATC100A120JT Datasheet HTML 5Page - RF Micro Devices ATC100A120JT Datasheet HTML 6Page - RF Micro Devices ATC100A120JT Datasheet HTML 7Page - RF Micro Devices ATC100A120JT Datasheet HTML 8Page - RF Micro Devices ATC100A120JT Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RF3928
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed-tuned Test Fixture (T = 25°C, Unless
Noted)


Similar Part No. - ATC100A120JT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC100A100JP150XT NXP-ATC100A100JP150XT Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
List of Unclassifed Man...
ATC100A100JW150XI ETC2-ATC100A100JW150XI Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC100A100JW150XT ETC2-ATC100A100JW150XT Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC100A100JW150XTV ETC2-ATC100A100JW150XTV Datasheet
275Kb / 6P
   Ultra-Stable Performance
logo
NXP Semiconductors
ATC100A101JP150XT NXP-ATC100A101JP150XT Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
More results

Similar Description - ATC100A120JT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com