Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805G102M101NT Datasheet(PDF) 3 Page - RF Micro Devices

Part # 0805G102M101NT
Description  280W GaN WIDEBAND PULSED POWER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

0805G102M101NT Datasheet(HTML) 3 Page - RF Micro Devices

  0805G102M101NT Datasheet HTML 1Page - RF Micro Devices 0805G102M101NT Datasheet HTML 2Page - RF Micro Devices 0805G102M101NT Datasheet HTML 3Page - RF Micro Devices 0805G102M101NT Datasheet HTML 4Page - RF Micro Devices 0805G102M101NT Datasheet HTML 5Page - RF Micro Devices 0805G102M101NT Datasheet HTML 6Page - RF Micro Devices 0805G102M101NT Datasheet HTML 7Page - RF Micro Devices 0805G102M101NT Datasheet HTML 8Page - RF Micro Devices 0805G102M101NT Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF3928
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Output Power
54
54.6
dBm
F = 2800MHz, Pin = 44dBm
Drain Efficiency
45
50
%
Small Signal Gain
14.2
dB
F = 3100MHz, Pin = 30dBm
Power Gain
10
10.5
dB
F = 3100MHz, Pin = 44dBm
Input Return Loss
-5.5
dB
F = 3100MHz, Pin = 30dBm
Output Power
54
54.5
dBm
F = 3100MHz, Pin = 44dBm
Drain Efficiency
45
52
%
Small Signal Gain
12.7
dB
F = 3400MHz, Pin = 30dBm
Power Gain
10
10.5
dB
F = 3400MHz, Pin = 44dBm
Input Return Loss
-5.5
dB
F = 3400MHz, Pin = 30dBm
Output Power
54
54.3
dBm
F = 3400MHz, Pin = 44dBm
Drain Efficiency
45
56
%
RF Typical Performance
[1,2]
Frequency Range
2800
3400
MHz
Small Signal Gain
12
dB
F = 3100MHz, Pin = 30dBm
Power Gain
10
dB
POUT = 54dBm
Gain Variation with Temperature
-0.015
dB/°C
At peak output power
Output Power (PSAT)
54.5
dBm
Peak output power
280
W
Peak output power
Drain Efficiency
52
%
At peak output power
[1] Test Conditions: Pulsed Operation, PW = 100
s, DC = 10%, VDS = 50V, IDQ = 440mA, T = 25ºC
[2] Performance in a standard tuned test fixture
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.


Similar Part No. - 0805G102M101NT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
0805G102M101NT RFMD-0805G102M101NT Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
More results

Similar Description - 0805G102M101NT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com