Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK591000M-55LL Datasheet(PDF) 1 Page - Sony Corporation

Part # CXK591000M-55LL
Description  131,072-word X 9-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK591000M-55LL Datasheet(HTML) 1 Page - Sony Corporation

  CXK591000M-55LL Datasheet HTML 1Page - Sony Corporation CXK591000M-55LL Datasheet HTML 2Page - Sony Corporation CXK591000M-55LL Datasheet HTML 3Page - Sony Corporation CXK591000M-55LL Datasheet HTML 4Page - Sony Corporation CXK591000M-55LL Datasheet HTML 5Page - Sony Corporation CXK591000M-55LL Datasheet HTML 6Page - Sony Corporation CXK591000M-55LL Datasheet HTML 7Page - Sony Corporation CXK591000M-55LL Datasheet HTML 8Page - Sony Corporation CXK591000M-55LL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The CXK591000TM/YM/M is a high speed CMOS
static RAM organized as 131,072-words by 9 bits.
A
polysilicon
TFT
cell
technology
realized
extremely low stand-by current and higher data
retention stability.
Special feature are low power consumption and
high speed.
The CXK591000TM/YM/M is a suitable RAM for
portable equipment with battery back up and parity
bit.
Features
• Fast access time
CXK591000TM/YM/M
(Access time)
-55LL
55ns (Max.)
-70LL
70ns (Max.)
-10LL
100ns (Max.)
• Low standby current
CXK591000TM/YM/M
-55LL/70LL/10LL
24µA (Max.)
• Low data retention current
CXK591000TM/YM/M
-55LL/70LL/10LL
14µA (Max.)
• Single +5V supply: 5V ± 10%.
• Low voltage date retention: 2.0V (Min.)
• Broad package line-up
CXK591000TM/YM
8mm
× 20mm 32 pin TSOP Package
CXK591000M
525mil 32 pin SOP
Package
Function
131072 word
× 9 bit static RAM
Structure
Silicon gate CMOS IC
– 1 –
CXK591000TM/YM/M -55LL/70LL/10LL
E93X06-PS
131,072-word
× 9-bit High Speed CMOS Static RAM
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXK591000TM
32 pin TSOP (PIastic)
CXK591000YM
32 pin TSOP (PIastic)
CXK591000M
32 pin SOP (PIastic)
Block Diagram
I /O Gate
Column
Decoder
Row
Decoder
Buffer
Buffer
Buffer
VCC
GND
I/O1 I/O9
OE
WE
CE1
A10
A11
A9
A8
A15
A16
A14
A12
A7
A5
A6
A4
A3
A1
A0
A13
A2
CE2
I /O Buffer
Memory
Matrix
1024
× 1152
For the availability of this product, please contact the sales office.


Similar Part No. - CXK591000M-55LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK591000M-55LL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com