Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV-TG2A101M Datasheet(PDF) 6 Page - RF Micro Devices

Part # EEV-TG2A101M
Description  60W GaN WIDEBAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

EEV-TG2A101M Datasheet(HTML) 6 Page - RF Micro Devices

Back Button EEV-TG2A101M Datasheet HTML 2Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 3Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 4Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 5Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 6Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 7Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 8Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 9Page - RF Micro Devices EEV-TG2A101M Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF3932
DS120406
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard 900MHz Tuned Test Fixture
(CW, T = 25°C, unless otherwise noted)
-35
-30
-25
-20
-15
-10
IMD3 vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 900MHz)
110mA
165mA
-50
-45
-40
-35
-30
-25
-20
-15
-10
0
0
1
0
1
1
Pout, Output Power (W-PEP)
IMD3 vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 900MHz)
110mA
165mA
220mA
275mA
330mA
50
60
70
80
20
22
24
26
Gain/Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
38
40
42
44
46
48
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
38
40
42
44
46
48
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
40
50
60
70
80
18
20
22
24
26
Gain/Efficiency vs. Pout, f = 900MHz
(CW, Vd = 48V, Idq = 220mA)
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
38
40
42
44
46
48
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 900MHz
(CW, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
67
69
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
63
65
67
69
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
57
59
61
63
65
67
69
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Eff
Fixed tuned test circuit
55
57
59
61
63
65
67
69
71
73
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Eff
Fixed tuned test circuit
55
57
59
61
63
65
67
69
71
73
880
890
900
910
920
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Eff
Fixed tuned test circuit
-10
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
13
-12
-11
-10
19
20
21
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
-16
-15
-14
-13
-12
-11
-10
16
17
18
19
20
21
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
12
13
14
15
16
17
18
19
20
21
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
-22
-21
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
10
11
12
13
14
15
16
17
18
19
20
21
22
880
890
900
910
920
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Gain
IRL
Fixed tuned test circuit
-22
-21
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
10
11
12
13
14
15
16
17
18
19
20
21
22
880
890
900
910
920
Frequency (MHz)
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Gain
IRL
Fixed tuned test circuit
-8
-7
-6
-5
-4
-3
18
19
20
21
22
23
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
14
15
16
17
18
19
20
21
22
23
880
890
900
910
920
Frequency (MHz)
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 220mA)
Gain
IRL
Fixed tuned test circuit


Similar Part No. - EEV-TG2A101M

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
EEV-TG2A101M RFMD-EEV-TG2A101M Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
EEV-TG2A101M RFMD-EEV-TG2A101M Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
EEV-TG2A101M RFMD-EEV-TG2A101M Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - EEV-TG2A101M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
Qorvo, Inc
TGA2312-FL QORVO-TGA2312-FL Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2312-FL TRIQUINT-TGA2312-FL_15 Datasheet
533Kb / 13P
   X-band 60W GaN Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
   60W GaN on SiC Power Amplifier Die
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com