Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK5T81000ATM Datasheet(PDF) 11 Page - Sony Corporation

Part # CXK5T81000ATM
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T81000ATM Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXK5T81000ATM Datasheet HTML 3Page - Sony Corporation CXK5T81000ATM Datasheet HTML 4Page - Sony Corporation CXK5T81000ATM Datasheet HTML 5Page - Sony Corporation CXK5T81000ATM Datasheet HTML 6Page - Sony Corporation CXK5T81000ATM Datasheet HTML 7Page - Sony Corporation CXK5T81000ATM Datasheet HTML 8Page - Sony Corporation CXK5T81000ATM Datasheet HTML 9Page - Sony Corporation CXK5T81000ATM Datasheet HTML 10Page - Sony Corporation CXK5T81000ATM Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
– 11 –
CXK5T81000ATM/AYM/AM
CXK5T81000AM
M
0.12
1.27
16
1
0.4 ± 0.1
32
17
20.5 – 0.1
+ 0.4
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
SONY CODE
EIAJ CODE
JEDEC CODE
SOP-32P-L02
SOP032-P-0525
EPOXY RESIN
SOLDER PLATING
42 ALLOY
1.2g
32PIN SOP (PLASTIC)
DETAIL A
2.9 – 0.25
+ 0.15
0.1
A
0.15 – 0.05
+ 0.1
0.2 ± 0.1
0° to 10°


Similar Part No. - CXK5T81000ATM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-10LLX SONY-CXK5T81000ATN-10LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-12LLX SONY-CXK5T81000ATN-12LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T81000ATM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com