Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1025S2 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFHA1025S2
Description  280W GaN Wideband Pulsed Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1025S2 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFHA1025S2 Datasheet HTML 2Page - RF Micro Devices RFHA1025S2 Datasheet HTML 3Page - RF Micro Devices RFHA1025S2 Datasheet HTML 4Page - RF Micro Devices RFHA1025S2 Datasheet HTML 5Page - RF Micro Devices RFHA1025S2 Datasheet HTML 6Page - RF Micro Devices RFHA1025S2 Datasheet HTML 7Page - RF Micro Devices RFHA1025S2 Datasheet HTML 8Page - RF Micro Devices RFHA1025S2 Datasheet HTML 9Page - RF Micro Devices RFHA1025S2 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RFHA1025
DS120928
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
(All dimensions in mm.)
Pin Names and Descriptions
Pin
Name
Description
1RF IN VG
Gate – VG RF Input
2RF OUT VD
Drain – VD RF Output
3GND BASE
Source – Ground Base
17.40± 0.1
24.00± 0.1
3.000
0.600± 0.05
2.600 4x
3.100 4x
16.700
15.800
20.400
8.000
0.600± 0.05
3.000
3.800±0.2
1.400
0.100+0.05
-0.02
0.254±0.127
Lid
4.054±0.327
2 MIN
3.5 MAX
2 MIN
3.5 MAX


Similar Part No. - RFHA1025S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020PCBA-410 RFMD-RFHA1020PCBA-410 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020S2 RFMD-RFHA1020S2 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SB RFMD-RFHA1020SB Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SQ RFMD-RFHA1020SQ Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
More results

Similar Description - RFHA1025S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com