Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1025SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFHA1025SB
Description  280W GaN Wideband Pulsed Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1025SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFHA1025SB Datasheet HTML 1Page - RF Micro Devices RFHA1025SB Datasheet HTML 2Page - RF Micro Devices RFHA1025SB Datasheet HTML 3Page - RF Micro Devices RFHA1025SB Datasheet HTML 4Page - RF Micro Devices RFHA1025SB Datasheet HTML 5Page - RF Micro Devices RFHA1025SB Datasheet HTML 6Page - RF Micro Devices RFHA1025SB Datasheet HTML 7Page - RF Micro Devices RFHA1025SB Datasheet HTML 8Page - RF Micro Devices RFHA1025SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RFHA1025
DS120928
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)150
V
Gate Voltage (VG)-8 to 2
V
Gate Current (IG)155
mA
Ruggedness (VSWR)
10:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range (TC)-40 to +85
°C
Operating Junction Temperature (TJ)250
°C
Human Body Model
Class 1B
MTTF (TJ < 200°C, 95% Confidence Limits)*
1.8E + 07
Hours
MTTF (TJ < 250°C, 95% Confidence Limits)*
1.1E + 05
Hours
Thermal Resistance, RTH (junction to case):
TC = 85°C, DC bias only
TC = 85°C, 100s pulse, 10% duty cycle
TC = 85°C, 1ms pulse, 10% duty cycle
0.90
0.18
0.34
°C/W
* MTTF - median time to failure for wear-out failure mode (30% IDSS degradation) which is determined by the technology process reliability.
Refer to product qualification report for FIT(random) failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device
voltage and current must not exceed the maximum operating values.
Bias Conditions should also satisfy the following expression: PDISS < (TJ - TC)/RTH J - C and TC = TCASE
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating Conditions
Drain Voltage (VDSQ)50
V
Gate Voltage (VGSQ)-8
-3
-2
V
Drain Bias Current
440
mA
Frequency of Operation
960
1215
MHz
DC Functional Test
IG (OFF) – Gate Leakage
2
mA
VG = -8V, VD = 0V
ID (OFF) – Drain Leakage
2.5
mA
VG = -8V, VD = 50V
VGS (TH) – Threshold Voltage
-3.5
V
VD = 50V, ID = 40mA
VDS (ON) – Drain Voltage at High
Current
0.28
V
VG = 0V, ID = 1.5A
RF Functional Test
[1], [2]
Small Signal Gain
17
dB
f = 960MHz, PIN = 28dBm
Power Gain
13
14.2
dB
f = 960MHz, PIN = 41dBm
Input Return Loss
-7.5
-5
dB
Output Power
54
55.2
dBm
Drain Efficiency
50
55
%
Small Signal Gain
17
dB
f = 1215MHz, PIN = 28dBm
Power Gain
13
13.6
dB
f = 1215MHz, PIN = 41dBm
Input Return Loss
-7
-5
dB
Output Power
54
54.6
dBm
Drain Efficiency
50
59
%
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFHA1025SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020PCBA-410 RFMD-RFHA1020PCBA-410 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020S2 RFMD-RFHA1020S2 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SB RFMD-RFHA1020SB Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SQ RFMD-RFHA1020SQ Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
More results

Similar Description - RFHA1025SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com