Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1025SB Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFHA1025SB
Description  280W GaN Wideband Pulsed Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1025SB Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFHA1025SB Datasheet HTML 2Page - RF Micro Devices RFHA1025SB Datasheet HTML 3Page - RF Micro Devices RFHA1025SB Datasheet HTML 4Page - RF Micro Devices RFHA1025SB Datasheet HTML 5Page - RF Micro Devices RFHA1025SB Datasheet HTML 6Page - RF Micro Devices RFHA1025SB Datasheet HTML 7Page - RF Micro Devices RFHA1025SB Datasheet HTML 8Page - RF Micro Devices RFHA1025SB Datasheet HTML 9Page - RF Micro Devices RFHA1025SB Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RFHA1025
DS120928
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
Evaluation Board Bill of Materials
Component
Value
Manufacturer
Part Number
R1,R3
10
Panasonic
ERJ-8GEYJ100V
R2
51
Panasonic
ERJ-8GEYJ510
C6
82pF
ATC
ATC800A820JT
C4, C5, C9, C10
100pF
ATC
ATC800A101JT
C2, C3
2pF
ATC
ATC800A2R0BT
C17
0.2pF
ATC
ATC800A0R2BT
C12
10000pF
Panasonic
ECJ-2VB1H103K
C13
0.1
F
Panasonic
ECJ-2VB1H104K
C7
10000pF
Panasonic
ECJ-2VB2A103K
C8
0.1
F
Panasonic
ECJ-2VB2A104K
C14, C16
10
F
Panasonic
ECA-2AM100
L1,L2
68nH
Coilcraft
1812SMS-68NJLB
L5, L6
115
, 10A
Steward
28F0181-1SR-10
L3, L4
75
, 10A
Steward
35F0121-1SR-10
C1, C11, C15
NOT POPULATED
-
-
RFHA1025
C2
R1
C9
VGATE
C4
50
 strip
50
 strip
J2
RF OUT
L1
L2
C13
C16
C6
C11
C10
C7
C8
R2
L3
L4
J1
RF IN
L5
L6
C14
+
C17
VDRAIN
C5
C1
R3
C12
C15
C3


Similar Part No. - RFHA1025SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020PCBA-410 RFMD-RFHA1020PCBA-410 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020S2 RFMD-RFHA1020S2 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SB RFMD-RFHA1020SB Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SQ RFMD-RFHA1020SQ Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
More results

Similar Description - RFHA1025SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
   280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934 RFMD-RF3934_12 Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com