Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-8GEYJ100V Datasheet(PDF) 9 Page - RF Micro Devices

Part # ERJ-8GEYJ100V
Description  280W GaN WIDE-BAND PULSED POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ERJ-8GEYJ100V Datasheet(HTML) 9 Page - RF Micro Devices

Back Button ERJ-8GEYJ100V Datasheet HTML 2Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 3Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 4Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 5Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 6Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 7Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 8Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 9Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RFHA1020
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Device Impedances
Note: Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency, peak
power, and linear performance across the entire frequency bandwidth.
Frequency
Z Source (
)Z Load (
1200MHz
10.7 - j5.0
33.9 - j10
1300MHz
9.48 - j3.24
34.2 - j10.9
1400MHz
8.2 - j1.2
34.5 - j12.33
EvaluationBoard
Matching
Network
EvaluationBoard
Matching
Network
Z
SOURCE
Z
LOAD


Similar Part No. - ERJ-8GEYJ100V

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
More results

Similar Description - ERJ-8GEYJ100V

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com