Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800A820JT Datasheet(PDF) 4 Page - RF Micro Devices

Part # 800A820JT
Description  280W GaN WIDE-BAND PULSED POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

800A820JT Datasheet(HTML) 4 Page - RF Micro Devices

  800A820JT Datasheet HTML 1Page - RF Micro Devices 800A820JT Datasheet HTML 2Page - RF Micro Devices 800A820JT Datasheet HTML 3Page - RF Micro Devices 800A820JT Datasheet HTML 4Page - RF Micro Devices 800A820JT Datasheet HTML 5Page - RF Micro Devices 800A820JT Datasheet HTML 6Page - RF Micro Devices 800A820JT Datasheet HTML 7Page - RF Micro Devices 800A820JT Datasheet HTML 8Page - RF Micro Devices 800A820JT Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RFHA1020
DS120508
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tune Test Fixture
(T = 25°C, unless otherwise noted)
12
13
14
15
16
17
18
19
45
46
47
48
49
50
51
52
53
54
55
Output Power (dBm)
Gain versus Output Power (f = 1300MHz)
(Pulsed 10% duty cycle, 1mS, V
D = 50V, IDQ = 440mA)
Gain 85°C
Gain 25°C
Gain -40°C
10
20
30
40
50
60
70
45
46
47
48
49
50
51
52
53
54
55
Output Power (dBm)
Efficiency versus Output Power (f = 1300MHz)
(Pulsed 10% duty cycle, 1mS, V
D = 50V, IDQ= 440mA)
Eff 85°C
Eff 25°C
Eff -40°C
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
45
46
47
48
49
50
51
52
53
54
55
Output Power (dBm)
Input Return Loss versus Output Power (f = 1300MHz)
(Pulsed 10% duty cycle, 1mS, V
D = 50V, IDQ = 440mA)
IRL 85°C
IRL 25°C
IRL -40°C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
10
11
12
13
14
15
16
17
18
19
1200
1220
1240
1260
1280
1300
1320
1340
1360
1380
1400
Frequency (MHz)
Small Signal Performance versus Frequency, P
OUT = 44dBm
(Pulsed 10% duty cycle, 100μS, V
D = 50V, IDQ = 440mA)
Gain
IRL
Fixed tuned test circuit
-20
-18
-16
-14
-12
-10
-8
-6
11
12
13
14
15
16
17
18
1200
1220
1240
1260
1280
1300
1320
1340
1360
1380
1400
Frequency (MHz)
Gain/IRL versus Frequency, P
OUT = 54dBm
(Pulsed 10% duty cyle, 100μS, V
D = 50V, IDQ = 440mA)
Gain
IRL
Fixed tuned test circuit
50
51
52
53
54
55
56
57
58
59
60
1200
1220
1240
1260
1280
1300
1320
1340
1360
1380
1400
Frequency (MHz)
Drain Efficiency versus Frequency, P
OUT = 54dBm
(Pulsed 10% duty cycle, 100μS, V
D = 50V, IDQ = 440mA)
Eff
Fixed tuned test circuit


Similar Part No. - 800A820JT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800A E-SWITCH-800A Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Hammond Manufacturing L...
800A HAMMOND-800A Datasheet
208Kb / 3P
   Audio Broadcast Quality 800A Series
3/1/22, 7:09 PM
logo
E-SWITCH
800AWSP8M2QE E-SWITCH-800AWSP8M2QE Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800AWSP8M2QE E-SWITCH-800AWSP8M2QE Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
More results

Similar Description - 800A820JT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com