Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-8GEYJ100V Datasheet(PDF) 9 Page - RF Micro Devices

Part # ERJ-8GEYJ100V
Description  120W GaN WIDEBAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ERJ-8GEYJ100V Datasheet(HTML) 9 Page - RF Micro Devices

Back Button ERJ-8GEYJ100V Datasheet HTML 5Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 6Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 7Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 8Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 9Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 10Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 11Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 12Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bias Instruction for RF3934 Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board.
Evaluation board requires additional external fan cooling.
Connect all supplies before powering evaluation board.
1. Connect RF cables at RFIN and RFOUT.
2. Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this ground terminal.
3. Apply -8V to VG.
4. Apply 48V to VD.
5. Increase VG until drain current reaches 440mA or desired bias point.
6. Turn on the RF input.


Similar Part No. - ERJ-8GEYJ100V

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
More results

Similar Description - ERJ-8GEYJ100V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
   120W GaN on SiC Power Amplifier Die
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
logo
Microsemi Corporation
1214GN-120E MICROSEMI-1214GN-120E Datasheet
488Kb / 16P
   120W L-Band Radar GaN Power Transistor and Pallet Amplifier
Revision 1.0
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
Qorvo, Inc
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
   2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com