Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK591000TM-10LL Datasheet(PDF) 2 Page - Sony Corporation

Part # CXK591000TM-10LL
Description  131,072-word X 9-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK591000TM-10LL Datasheet(HTML) 2 Page - Sony Corporation

  CXK591000TM-10LL Datasheet HTML 1Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 2Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 3Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 4Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 5Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 6Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 7Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 8Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
– 2 –
CXK591000TM/YM/M
Address input
Data input/output
Chip enable 1, 2 input
Write enable input
Output enable input
Power supply
Ground
Symbol
Description
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperrature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +7.0
–0.5∗ to VCC + 0.5
–0.5∗ to VCC + 0.5
0.7
0 to +70
–55 to +150
235 · 10
V
V
V
W
°C
°C
°C · s
Item
Symbol
Rating
Unit
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
∗ V
IN
, VI/O = –3.0V Min. for pulse width less than 50ns.
Pin Description
A0 to A16
I/O1 to I/O9
CE1, CE2
WE
OE
VCC
GND
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
GND
CXK591000M
Vcc
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O9
I/O8
I/O7
I/O6
I/O5
OE
A10
CE1
I/O9
I/O8
I/O7
I/O6
I/O5
GND
I/O4
I/O3
I/O2
I/O1
A0
A1
A2
18
19
20
21
22
23
24
25
26
27
28
29
30
32
A11
A9
A8
A13
WE
CE2
A15
Vcc
A16
A14
A12
A7
A6
A5
A4
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
17
A2
A1
A0
I/O1
I/O2
I/O3
I/O4
GND
I/O5
I/O6
I/O7
I/O8
I/O9
CE1
A10
OE
18
19
20
21
22
23
24
25
26
27
28
29
30
32
A3
A4
A5
A6
A7
A12
A14
A16
Vcc
A15
CE2
WE
A13
A8
A9
A11 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
17
CXK591000TM
(Standard Pinout)
CXK591000YM
(Mirror Image Pinout)
19
18
17
20
21
22
23
24
25
26
27
28
29
30
31
32
Pin Configuration (Top View)
H
×
L
L
L
×
L
H
H
H
×
×
H
L
×
×
×
H
H
L
Not selected
Not selected
Output disable
Read
Write
High Z
High Z
High Z
Data out
Data in
ISB1, ISB2
ISB1, ISB2
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
CE1 CE2
OE
WE
Mode
I/O pin
VCC Current
Truth Table
×: "H" or "L"


Similar Part No. - CXK591000TM-10LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK591000TM-10LL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com