Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK5T8257BM Datasheet(PDF) 2 Page - Sony Corporation

Part # CXK5T8257BM
Description  32768-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T8257BM Datasheet(HTML) 2 Page - Sony Corporation

  CXK5T8257BM Datasheet HTML 1Page - Sony Corporation CXK5T8257BM Datasheet HTML 2Page - Sony Corporation CXK5T8257BM Datasheet HTML 3Page - Sony Corporation CXK5T8257BM Datasheet HTML 4Page - Sony Corporation CXK5T8257BM Datasheet HTML 5Page - Sony Corporation CXK5T8257BM Datasheet HTML 6Page - Sony Corporation CXK5T8257BM Datasheet HTML 7Page - Sony Corporation CXK5T8257BM Datasheet HTML 8Page - Sony Corporation CXK5T8257BM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
– 2 –
CXK5T8257BTM/BYM/BM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
A4
A5
A6
A7
A12
A14
CXK5T8257BM
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
OE
A10
CE
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
CXK5T8257BTM
(Standard Pinout)
A4
A5
A6
A7
A12
A14
VCC
WE
A13
A8
A9
A11
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
I/O8
CE
A10
OE
7
6
5
4
3
2
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
CXK5T8257BYM
(Standard Pinout)
Address input
Data input/output
Chip enable input
Write enable input
Output enable input
Power supply
Ground
A0 to A14
I/O1 to I/O8
CE
WE
OE
VCC
GND
Symbol
Description
Pin Description
Pin Configuration (Top View)
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +4.6
–0.5∗1 to VCC + 0.5
–0.5∗1 to VCC + 0.5
0.7
–25 to +85
–55 to +150
235 · 10
V
V
V
W
°C
°C
°C · s
Item
Symbol
Rating
Unit
H
L
L
L
×
H
L
×
×
H
H
L
Not selected
Output disable
Read
Write
High Z
High Z
Data out
Data in
ISB1, ISB2
ICC1, ICC2
ICC1, ICC2
ICC1, ICC2
CE
OE
WE
Mode
I/O1 to I/O8
VCC Current
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
1 V
IN
, VI/O = –3.0V Min. for pulse width less than 50ns.
Truth Table
×: "H" or "L"


Similar Part No. - CXK5T8257BM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T81000AM SONY-CXK5T81000AM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-10LLX SONY-CXK5T81000AM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-12LLX SONY-CXK5T81000AM-12LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM-10LLX SONY-CXK5T81000ATM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T8257BM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com