Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK5V16100TM Datasheet(PDF) 10 Page - Sony Corporation

Part # CXK5V16100TM
Description  65536-word X 16-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5V16100TM Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXK5V16100TM Datasheet HTML 2Page - Sony Corporation CXK5V16100TM Datasheet HTML 3Page - Sony Corporation CXK5V16100TM Datasheet HTML 4Page - Sony Corporation CXK5V16100TM Datasheet HTML 5Page - Sony Corporation CXK5V16100TM Datasheet HTML 6Page - Sony Corporation CXK5V16100TM Datasheet HTML 7Page - Sony Corporation CXK5V16100TM Datasheet HTML 8Page - Sony Corporation CXK5V16100TM Datasheet HTML 9Page - Sony Corporation CXK5V16100TM Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
– 10 –
CXK5V16100TM
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
M
PACKAGE STRUCTURE
MOLDING COMPOUND
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY / PHENOL RESIN
SOLDER PLATING
42 ALLOY
44PIN TSOP (II) (PLASTIC) 400mil
∗18.41 ± 0.1
0.8
0.3 ± 0.1
122
23
44
0.125 – 0.02
+ 0.05
A
1.2 MAX
0.1
0.13
B
0.32 ± 0.08
(0.3)
0° to 10°
0.1 – 0.05
+ 0.1
TSOP (II) -44P-L01
TSOP (II) 044-P-0400-A
DETAIL A
B
DETAIL
0.5g
NOTE: Dimension “
∗” does not include mold protrusion.


Similar Part No. - CXK5V16100TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM SONY-CXK5V8257BM Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM-10LL SONY-CXK5V8257BM-10LL Datasheet
204Kb / 9P
   32768-word X 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5V16100TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com