Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS3045DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3045DJF
Description  Power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045DJF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3045DJF Datasheet HTML 1Page - STMicroelectronics STPS3045DJF Datasheet HTML 2Page - STMicroelectronics STPS3045DJF Datasheet HTML 3Page - STMicroelectronics STPS3045DJF Datasheet HTML 4Page - STMicroelectronics STPS3045DJF Datasheet HTML 5Page - STMicroelectronics STPS3045DJF Datasheet HTML 6Page - STMicroelectronics STPS3045DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2011
Doc ID 16758 Rev 3
1/7
7
STPS3045DJF
Power Schottky rectifier
Features
Low forward voltage drop
Very small conduction losses
Negligible switching losses
Extremely fast switching
Low thermal resistance
Avalanche capability specified
Thin package: 1 mm
ECOPACK®2 compliant component
Description
Schottky rectifier suited for switch mode power
supply and high frequency DC to DC converters.
Packaged in PowerFLAT™, this device is
intended for use in low voltage, high frequency
inverters, free-wheeling and polarity protection
applications.
Its low profile was especially designed to be used
in applications with space-saving constraints.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
30 A
VRRM
45 V
Tj (max)
150 °C
VF(typ)
0.41 V
K
A
A
A
K
K
A
PowerFLAT 5x6
STPS3045DJF
www.st.com


Similar Part No. - STPS3045DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3045 STMICROELECTRONICS-STPS3045 Datasheet
73Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS3045C STMICROELECTRONICS-STPS3045C Datasheet
525Kb / 13P
   Power Schottky rectifier
August 2016 Rev 9
STPS3045C-Y STMICROELECTRONICS-STPS3045C-Y Datasheet
114Kb / 7P
   Automotive power Schottky rectifier
STPS3045CFP STMICROELECTRONICS-STPS3045CFP Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS3045CG STMICROELECTRONICS-STPS3045CG Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS3045DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com