Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21961-4C Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PS21961-4C
Description  Dual-In-Line Package Intelligent Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21961-4C Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PS21961-4C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21961-4C Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21961-4/-4A/-4C/-4W
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2007
5
2.20
2.30
2.00
1.50
0.60
2.00
0.80
1
10
4.7
mA
V
Tj = 25
°C
Tj = 125
°C
IC = 3A, Tj = 25
°C
IC = 3A, Tj = 125
°C
VCE(sat)
VEC
ton
trr
tc(on)
toff
tc(off)
ICES
Condition
Symbol
Parameter
Limits
Inverter RC-IGBT part (per 1/6 module)
Rth(j-c)Q
Min.
THERMAL RESISTANCE
Typ.
Max.
——
Unit
Tj = 25
°C, –IC = 3A, VIN = 0V
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0.50
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Collector-emitter saturation
voltage
FWD forward voltage
Junction to case thermal
resistance
(Note 3)
VD = VDB = 15V
VIN = 5V
Switching times
VCC = 300V, VD = VDB = 15V
IC = 3A, Tj = 125
°C, VIN = 0 ↔ 5V
Inductive load (upper-lower arm)
Collector-emitter cut-off
current
VCE = VCES
1.70
1.80
1.50
0.95
0.30
0.35
1.40
0.50
V
µs
µs
µs
µs
µs
°C/W
Note 3 : Grease with good thermal conductivity and long-term quality should be applied evenly with +100
µm~+200µm on the contacting sur-
face of DIP-IPM and heat-sink.
The contacting thermal resistance between DIP-IPM case and heat sink (Rth(c-f)) is determined by the thickness and the thermal
conductivity of the applied grease. For reference, Rth(c-f) (per 1/6 module) is about 0.3
°C/W when the grease thickness is 20µm and
the thermal conductivity is 1.0W/m·k.
Note 2: TC measurement point
DIP-IPM
RC-IGBT chip position
Power terminals
Control terminals
TC point
Heat sink side
11.6mm
3mm
400
–20~+100
–40~+125
1500
VD = 13.5~16.5V, Inverter part
Tj = 125
°C, non-repetitive, less than 2µs
(Note 2)
60Hz, Sinusoidal, 1 minute,
All connected pins to heat-sink plate
VCC(PROT)
TC
Tstg
Viso
Symbol
Ratings
Unit
Supply voltage self protection limit
(short circuit protection capability)
Module case operation temperature
Storage temperature
Isolation voltage
V
°C
°C
Vrms
TOTAL SYSTEM
Parameter
Condition


Similar Part No. - PS21961-4C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-4S MITSUBISHI-PS21961-4S Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21961-4C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com