Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21961-4S Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PS21961-4S
Description  Dual-In-Line Package Intelligent Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21961-4S Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PS21961-4S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21961-4S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21961-4S
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2007
7
MCU
10k
UP,VP,WP,UN,VN,WN
VNC(Logic)
Fo
DIP-IPM
5V line
3.3k
(min)
Error output Fo
Output current Ic
Control supply voltage VDB
Protection circuit state
Control input
c6
c1
c2
c4
c5
c3
RESET
UVDBt
UVDBr
SET
RESET
High-level (no fault output)
[C] Under-Voltage Protection (Upper-side, UVDB)
c1. Control supply voltage rising : After the voltage level reaches UVDBr, the circuits start to operate when next input is applied.
c2. Normal operation : IGBT ON and carrying current.
c3. Under voltage trip (UVDBt).
c4. IGBT OFF in spite of control input signal level, but there is no FO signal outputs.
c5. Under voltage reset (UVDBr).
c6. Normal operation : IGBT ON and carrying current.
Fig. 4 RECOMMENDED MCU I/O INTERFACE CIRCUIT
Note : The setting of RC coupling at each input (parts shown dotted) depends on the PWM control scheme and the
wiring impedance of the printed circuit board.
The DIP-IPM input section integrates a 3.3kΩ (min) pull-down resistor. Therefore, when using an external
filtering resistor, pay attention to the turn-on threshold voltage.
Fig. 5 WIRING CONNECTION OF SHUNT RESISTOR
NW
VNC
NV
NU
DIP-IPM
Each wiring inductance should be less than 10nH.
Equivalent to the inductance of a copper
pattern in dimension of width=3mm,
thickness=100
µm, length=17mm
Shunt resistors
Please make the GND wiring connection
of shunt resistor to the VNC terminal
as close as possible.


Similar Part No. - PS21961-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21961-4 MITSUBISHI-PS21961-4 Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21961-4A MITSUBISHI-PS21961-4A Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21961-4C MITSUBISHI-PS21961-4C Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21961-4W MITSUBISHI-PS21961-4W Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21961-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com