Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK77B3610GB- Datasheet(PDF) 6 Page - Sony Corporation

Part # CXK77B3610GB-
Description  High Speed Bi-CMOS Synchronous Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77B3610GB- Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXK77B3610GB- Datasheet HTML 2Page - Sony Corporation CXK77B3610GB- Datasheet HTML 3Page - Sony Corporation CXK77B3610GB- Datasheet HTML 4Page - Sony Corporation CXK77B3610GB- Datasheet HTML 5Page - Sony Corporation CXK77B3610GB- Datasheet HTML 6Page - Sony Corporation CXK77B3610GB- Datasheet HTML 7Page - Sony Corporation CXK77B3610GB- Datasheet HTML 8Page - Sony Corporation CXK77B3610GB- Datasheet HTML 9Page - Sony Corporation CXK77B3610GB- Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
– 6 –
CXK77B3610GB
• AC Electrical Characteristics
Address access (except Register-Register mode)
Clock period
Clock pulse high
Clock pulse low
Setup time
Hold time
Clock high to output (R-R mode)
Clock high to output (R-F mode, R-L mode)
Clock low to output (R-L mode)
Write cycle clock high to following Read cycle output
(R-F mode, R-L mode)
Clock high to output high impedance (S deselect cycle)
Write cycle clock high to output high impedance
(R-F mode, R-L mode)
Clock high to output low impedance
(R-R mode)
Clock high to output low impedance
(R-F mode)
Clock low to output low impedance (R-L mode)
Output enable to output valid (G)
Output enable to output in low Z (G)
Output disable to output in high Z (G)
tAA
tKP
tKH
tKL
tS
tH
tKQ
tKQ1
tKQ2
tKQ3
tHZ2
tWHZ2
tLZ2
tLZ12
tLZ22
tOE
tOLZ2
tOHZ2
6
2
2
0.5
1
1.5∗2
1.5∗2
1.5
1.5
1.5
2
1.5
1
9
3
6
3
15
3
3
3
3
7
3
3
1
1
1.5∗2
1.5∗2
1.5
1.5
1.5
2
1.5
1
10
3.5
7
3.5
17
3.5
3.5
3.5
3.5
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Item
Symbol
-6
Min.
Max.
-7
Min.
Max.
Unit
1 All parameters are specified over the range 0 to 70°C.
2 These parameters are sampled and are not 100% tested.
AC characteristics
• AC test conditions
(VDD = 3.3V ± 0.15V, Ta = 0 to 70°C)
Input pulse high level
Input pulse low level
Input rise & fall time
Input reference level
Clock input reference level
Clock input differential signal
Clock input rise & fall time
Output reference level
Output load conditions
Item
VIH = 2.4V
VIL = 0.4V
1V/ns
2.0/0.8V
K/K cross;
C/C cross
0.8V
1V/ns
1.4V
Fig. 1
Conditions
Fig. 1.
I/O
50
50
1.4V
I/O
868
1178
3.3V
5pF1
Output Load (1)
Output Load (2) ∗2
1 Including scope and jig capacitance.
2 For t
LZ
,
tHZ.


Similar Part No. - CXK77B3610GB-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB-5 SONY-CXK77B3611AGB-5 Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB-6 SONY-CXK77B3611AGB-6 Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Similar Description - CXK77B3610GB-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
logo
White Electronic Design...
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
   262144-word x 4-bit High Speed Bi-CMOS Static RAM
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
White Electronic Design...
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com