Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21963-4EW Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PS21963-4EW
Description  Dual-In-Line Package Intelligent Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21963-4EW Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button PS21963-4EW Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PS21963-4EW Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21963-4E/-4AE/-4CE/-4EW
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 2007
7
Fig. 7 THE DIP-IPM INTERNAL CIRCUIT
DIP-IPM
UOUT
VOUT
UOUT
VVS
WOUT
VWS
VOUT
WOUT
VNO
GND
Fo
WN
VN
UN
VCC
HVIC
LVIC
CIN
CIN
N
W
V
U
P
COM
VUB
VUS
VCC
VVB
VP
VWB
WP
Fo
WN
VN
UN
WP
VP
UP
UP
VNC
VN1
VP1
VVFB
VWFB
VNC
VUFB
IGBT1
IGBT2
IGBT3
IGBT4
IGBT5
IGBT6
Di1
Di2
Di3
Di4
Di5
Di6
V
V
V
V/
µs
µs
kHz
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Applied between P-N
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
For each input signal, TC
≤ 100°C
TC
≤ 100°C, Tj ≤ 125°C
400
16.5
18.5
1
20
VCC
VD
VDB
∆VD, ∆VDB
tdead
fPWM
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0
13.5
13.0
–1
1.5
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
Note 8 : The allowable r.m.s. current value depends on the actual application conditions.
9: IPM might not make response if the input signal pulse width is less than the recommended minimum value.
IO
PWIN(on)
PWIN(off)
VNC
Allowable r.m.s. current
Allowable minimum input
pulse width
VNC variation
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal PWM,
Tj
≤ 125°C, TC ≤ 100°C
(Note 8)
(Note 9)
Between VNC-N (including surge)
Arms
µs
V
0.5
0.5
–5.0
5.0
fPWM = 5kHz
fPWM = 15kHz
4.0
2.5


Similar Part No. - PS21963-4EW

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4E MITSUBISHI-PS21963-4E Datasheet
179Kb / 10P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
130Kb / 8P
   600V/8A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
PS21963-4ES MITSUBISHI-PS21963-4ES Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21963-4ES MITSUBISHI-PS21963-4ES_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963-4EW

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com