Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30150C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30150C
Description  High voltage power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30150C_10 Datasheet HTML 1Page - STMicroelectronics STPS30150C_10 Datasheet HTML 2Page - STMicroelectronics STPS30150C_10 Datasheet HTML 3Page - STMicroelectronics STPS30150C_10 Datasheet HTML 4Page - STMicroelectronics STPS30150C_10 Datasheet HTML 5Page - STMicroelectronics STPS30150C_10 Datasheet HTML 6Page - STMicroelectronics STPS30150C_10 Datasheet HTML 7Page - STMicroelectronics STPS30150C_10 Datasheet HTML 8Page - STMicroelectronics STPS30150C_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS30150C
2/11
Doc ID 7757 Rev 8
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
ΔTj(diode 1) = P(diode1) x R
th(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220FPAB
Tc =120 °C
Per diode
Per device
15
A
TO-220AB
TO-247/D2PAK
Tc = 155 °C
30
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
10500
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220FPAB
Per diode
Total
4
3.3
°C/W
TO-220AB/D2PAK
Per diode
Total
1.6
0.85
TO-247
Per diode
Total
1.5
0.8
Rth (c)
Coupling
TO-220FPAB
2.6
TO-220AB/D2PAK/TO-247
0.1
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<


Similar Part No. - STPS30150C_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30150CFP STMICROELECTRONICS-STPS30150CFP Datasheet
93Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS30150CFP STMICROELECTRONICS-STPS30150CFP Datasheet
103Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS30150CFP ISC-STPS30150CFP Datasheet
291Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS30150CG STMICROELECTRONICS-STPS30150CG Datasheet
103Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS30150CG-TR STMICROELECTRONICS-STPS30150CG-TR Datasheet
103Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS30150C_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com