Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21965-4S Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PS21965-4S
Description  Dual-In-Line Package Intelligent Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21965-4S Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PS21965-4S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21965-4S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21965-4S
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2007
6
Error output Fo
Output current Ic
Control supply voltage VD
Protection circuit state
Control input
b1
b2
b3
b4
b5
RESET
RESET
UVDt
UVDr
SET
b6
b7
Protection circuit state
Lower-side control
input
Error output Fo
Sense voltage of the
shunt resistor
Output current Ic
Internal IGBT gate
SC reference voltage
CR circuit time
constant DELAY
a5
a8
a4
a3
a1
a2
SC
RESET
SET
a7
a6
Fig. 3 TIMING CHART OF THE DIP-IPM PROTECTIVE FUNCTIONS
[A] Short-Circuit Protection (Lower-side only with the external shunt resistor and CR filter)
a1. Normal operation : IGBT ON and carrying current.
a2. Short circuit detection (SC trigger).
a3. IGBT gate hard interruption.
a4. IGBT turns OFF.
a5. FO outputs (tFO(min) = 20µs).
a6. Input “L” : IGBT OFF.
a7. Input “H” : IGBT ON.
a8. IGBT OFF in spite of input “H”.
[B] Under-Voltage Protection (Lower-side, UVD)
b1. Control supply voltage rising : After the voltage level reaches UVDr, the circuits start to operate when next input is applied.
b2. Normal operation : IGBT ON and carrying current.
b3. Under voltage trip (UVDt).
b4. IGBT OFF in spite of control input condition.
b5. FO outputs (tFO ≥ 20µs and FO outputs continuously during UV period).
b6. Under voltage reset (UVDr).
b7. Normal operation : IGBT ON and carrying current.


Similar Part No. - PS21965-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21965-4S MITSUBISHI-PS21965-4S Datasheet
130Kb / 8P
   600V/20A low-loss CSTBTTM inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21965-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com