Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9352
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9352_08 Datasheet HTML 4Page - STMicroelectronics L9352_08 Datasheet HTML 5Page - STMicroelectronics L9352_08 Datasheet HTML 6Page - STMicroelectronics L9352_08 Datasheet HTML 7Page - STMicroelectronics L9352_08 Datasheet HTML 8Page - STMicroelectronics L9352_08 Datasheet HTML 9Page - STMicroelectronics L9352_08 Datasheet HTML 10Page - STMicroelectronics L9352_08 Datasheet HTML 11Page - STMicroelectronics L9352_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
L9352B
8/27
3
Electrical specifications
3.1
Absolute maximum ratings
The absolute maximum ratings are the limiting values for this device.
Warning:
Damage may occur if this device is subjected to conditions
which are beyond these values.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
EQ
Switch off energy for inductive loads
50
mJ
Voltages
VS
Supply voltage
-0.3
40
V
VCC, VDD
Supply voltage
-0.3
6
V
VQ
Output voltage static
40
V
VQ
Output voltage during clamping
t < 1ms
60
V
VIN, VEN
Input voltage IN1 to IN4, EN
II < |10|mA
-1.5
6
V
VCLK
Input voltage CLK
-1.5
6
V
VST
Output voltage status
-0.3
6
V
VD
Recirculation circuits D3, D4
40
V
VDRmax
Max. reverse breakdown voltage of free
wheeling diodes D3, D4
55
V
Currents
IQ1/2
Output current for Q1 and Q2
>5
internal
limited
A
IQ3/4
Output current for Q3 and Q4
>3
internal
limited
A
IQ1/2,
IPGND1/2
Output current at reversal supply for Q1
and Q2
-4
A
IQ3/4,
IPGND3/4
Output current at reversal supply for
Q3 and Q4
-2
A
IST
Output current status pin
-5
5
mA
ESD protection
ESD
Electrostatical discharging
GND, PGND, Qx, Dx, CLK, ST, IN,
TEST, EN
MIL883C
±2
kV


Similar Part No. - L9352_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352-DIE1 STMICROELECTRONICS-L9352-DIE1 Datasheet
328Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
L9352B-DIE1 STMICROELECTRONICS-L9352B-DIE1 Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
L9352B-LF STMICROELECTRONICS-L9352B-LF Datasheet
334Kb / 27P
   Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
L9352B-TR-LF STMICROELECTRONICS-L9352B-TR-LF Datasheet
334Kb / 27P
   Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
More results

Similar Description - L9352_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9352B-TR-LF STMICROELECTRONICS-L9352B-TR-LF Datasheet
334Kb / 27P
   Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
logo
Siemens Semiconductor G...
TLE4211 SIEMENS-TLE4211 Datasheet
373Kb / 13P
   Intelligent Double Low-Side Switch 2 x 2 A
TLE4214G SIEMENS-TLE4214G Datasheet
371Kb / 16P
   Intelligent Double Low-Side Switch 2 x 0.5 A
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
   Quad intelligent power low side switch
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com